Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F24 Datasheet (PDF) - Renesas Technology Corp

F24 Datasheet PDF - Renesas Technology Corp
Part # F24
Download  F24 Download
File Size   3473.12 Kbytes
Page   210 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RENESAS MCU

F24 Datasheet (PDF)

Go To PDF Page Download Datasheet
F24 Datasheet PDF - Renesas Technology Corp

Part # F24
Download  F24 Click to download

File Size   3473.12 Kbytes
Page   210 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RENESAS MCU

F24 Datasheet (HTML) - Renesas Technology Corp


F24 Product details

Minimum instruction execution time can be changed
from high speed (0.025 μs: @ 40 MHz operation with
high-speed on-chip oscillator clock or PLL clock) to ultra
low-speed (66.6 μs: @ 15 kHz operation with low-speed
on-chip oscillator clock)
General-purpose register: 8 bits × 32 registers (8 bits ×
8 registers × 4 banks)
ROM: 128 KB / 256 KB
RAM: 12 KB / 24 KB
Data flash memory: 8 KB / 16 KB
High-speed on-chip oscillator clock
Selectable from 40 MHz (Typ.), 32 MHz (Typ.), 20 MHz (Typ.),
16 MHz (Typ.), 8 MHz (Typ.), 4 MHz (Typ.), and 2 MHz (Typ.)
(Selectable from 80 MHz (Typ.) and 64 MHz (Typ.) when using
Timer RDe and RS-CANFD lite Note 1 )
Low-speed on-chip oscillator clock: 15 kHz × 2 ch (one
for WWDT and one for CPU and peripherals other than
WWDT)
On-chip PLL
On-chip single-power-supply flash memory
(with prohibition of block erase/writing function)
Self-programming
(with boot swap function/flash shield window function)
On-chip debug function
On-chip power-on-reset (POR) circuit and voltage
detector (LVD)
On-chip watchdog timer (operable with the dedicated
low-speed on-chip oscillator clock)
Multiply/divide/multiply & accumulate instructions are
supported
16 bits × 16 bits = 32 bits (Unsigned or signed)
32 bits ÷ 32 bits = 32 bits (Unsigned)
16 bits × 16 bits + 32 bits = 32 bits (Unsigned or signed)




Similar Part No. - F24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F24-045 ETC2-F24-045 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
F24-045 TRIAD-F24-045 Datasheet
90Kb / 1P
PC MOUNT : SPLIT PACK
F24-045-C2 TRIAD-F24-045-C2 Datasheet
49Kb / 1P
CLASS 2/3 TRANSFORMER
logo
List of Unclassifed Man...
F24-100 ETC2-F24-100 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
F24-100 TRIAD-F24-100 Datasheet
90Kb / 1P
PC MOUNT : SPLIT PACK
More results


Similar Description - F24

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com