Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F24 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F24 Datasheet HTML 1Page - Renesas Technology Corp F24 Datasheet HTML 2Page - Renesas Technology Corp F24 Datasheet HTML 3Page - Renesas Technology Corp F24 Datasheet HTML 4Page - Renesas Technology Corp F24 Datasheet HTML 5Page - Renesas Technology Corp F24 Datasheet HTML 6Page - Renesas Technology Corp F24 Datasheet HTML 7Page - Renesas Technology Corp F24 Datasheet HTML 8Page - Renesas Technology Corp F24 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 210 page
background image
RL78/F23, F24
1. OVERVIEW
R01DS0446EJ0120 Rev.1.20
Page 2 of 207
Dec 31, 2025
1.2 Product Lineup
Table 1-1. RL78/F23, F24 Lineup (Grade-3)
Operating
Temperature (TA)
Package
Pin
RL78/F23
RL78/F24
Code Flash / Data Flash / RAM
Code Flash / Data Flash / RAM
128KB / 8KB / 12KB
256KB / 16KB / 24KB
−40°C to 105°C
HWQFN
32
R7F123FBG3ANP-C
R7F124FBJ3ANP-C
LFQFP
48
R7F123FGG3AFB-C
R7F124FGJ3AFB-C
64
R7F123FLG3AFB-C
R7F124FLJ3AFB-C
80
R7F123FMG3AFB-C
R7F124FMJ3AFB-C
100
‒
R7F124FPJ3AFB-C
Table 1-2. RL78/F23, F24 Lineup (Grade-4)
Operating
Temperature (TA)
Package
Pin
RL78/F23
RL78/F24
Code Flash / Data Flash / RAM
Code Flash / Data Flash / RAM
128KB / 8KB / 12KB
256KB / 16KB / 24KB
−40°C to 125°C
HWQFN
32
R7F123FBG4ANP-C
R7F124FBJ4ANP-C
LFQFP
48
R7F123FGG4AFB-C
R7F124FGJ4AFB-C
64
R7F123FLG4AFB-C
R7F124FLJ4AFB-C
80
R7F123FMG4AFB-C
R7F124FMJ4AFB-C
100
‒
R7F124FPJ4AFB-C
Table 1-3. RL78/F23, F24 Lineup (Grade-5) Note
Operating
Temperature (TA)
Package
Pin
RL78/F23
RL78/F24
Code Flash / Data Flash / RAM
Code Flash / Data Flash / RAM
128KB / 8KB / 12KB
256KB / 16KB / 24KB
−40°C to 150°C
HWQFN
32
R7F123FBG5ANP-C
R7F124FBJ5ANP-C
LFQFP
48
R7F123FGG5AFB-C
R7F124FGJ5AFB-C
64
R7F123FLG5AFB-C
R7F124FLJ5AFB-C
80
R7F123FMG5AFB-C
R7F124FMJ5AFB-C
100
‒
R7F124FPJ5AFB-C
Note To order grade-5 specification, please provide the order code and the application temperature mission profile for
verification to Renesas Support.
<R>
<R>
<R>
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com