Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F24 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 60Page - Renesas Technology Corp F24 Datasheet HTML 61Page - Renesas Technology Corp F24 Datasheet HTML 62Page - Renesas Technology Corp F24 Datasheet HTML 63Page - Renesas Technology Corp F24 Datasheet HTML 64Page - Renesas Technology Corp F24 Datasheet HTML 65Page - Renesas Technology Corp F24 Datasheet HTML 66Page - Renesas Technology Corp F24 Datasheet HTML 67Page - Renesas Technology Corp F24 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 210 page
background image
RL78/F23, F24
3. ELECTRICAL SPECIFICATIONS (GRADE 3)
R01DS0446EJ0120 Rev.1.20
Page 64 of 207
Dec 31, 2025
3.5 Peripheral Functions Characteristics
3.5.1 RAM can be written to Serial Array Unit
(1)
During communication at same potential (UART mode) (dedicated baud rate generator output)
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
–
fMCK/6
bps
fCLK = 40 MHz,
fMCK = fCLK
Normal slew rate
6.6
Mbps
Special slew rate
2
Mbps
UART mode connection diagram (during communication at same potential)
UART mode bit width (during communication at same potential) (reference)
Caution Select the normal input buffer for the RXD0 pin and RXD1 pin and normal output mode for the TXD0
pin and TXD1 pin.
Remark fMCK: Serial array unit operation clock frequency
User's device
RL78
microcontroller
TXD0, TXD1
RXD0, RXD1
RX
TX
Baud rate error tolerance
1/Transfer rate
High-/low-bit width
TXD0, TXD1
RXD0, RXD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com