Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F24 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 12Page - Renesas Technology Corp F24 Datasheet HTML 13Page - Renesas Technology Corp F24 Datasheet HTML 14Page - Renesas Technology Corp F24 Datasheet HTML 15Page - Renesas Technology Corp F24 Datasheet HTML 16Page - Renesas Technology Corp F24 Datasheet HTML 17Page - Renesas Technology Corp F24 Datasheet HTML 18Page - Renesas Technology Corp F24 Datasheet HTML 19Page - Renesas Technology Corp F24 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 210 page
background image
RL78/F23, F24
1. OVERVIEW
R01DS0446EJ0120 Rev.1.20
Page 16 of 207
Dec 31, 2025
1.5 Pin Configurations
1.5.1 RL78/F24 Pin Configuration for 100-pin Products
• RL78/F24: 100-pin Plastic QFP (Fine Pitch) (14 × 14)
Figure 1-10. RL78/F24 Pin Configuration for 100-pin Products
Caution Do not use the XT1 and XT2 pin functions in grade-5 products.
Remark Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
registers (PIORx). Only the STOPST function of P52 can be assigned via settings in the STOP status output
control register (STPSTC).
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
76
50
77
49
78
48
79
47
80
46
81
45
82
44
83
43
84
42
85
41
86
40
87
39
88
38
89
37
90
36
91
35
92
34
93
33
94
32
95
31
96
30
97
29
98
28
99
27
100
26
1 2 3 4 5 6 7 8 9 1011 1213141516 1718 192021 2223 2425
P126 / (TI01) / (TO01)
P65 / (TI16) / (TO16) / (SNZOUT2)
P01 / (TI04) / (TO04)
P64 / (TI14) / (TO14) / (SNZOUT3)
P125 / ANI24 / TI03 / TO03 / TRDIOB0 / SSI01 / (LRXD1) / INTP1 / SNZOUT1
P63 / (TO07) / (SSI00) / SDAA0
P120 / ANI25 / TI07 / TO07 / TRDIOD0 / SO01 / (SCK10) / (LTXD1) / INTP4
P62 / (TO03) / (SO00) / (TXD0) / SCLA0
P103 / ANI21
P154 / (SNZOUT7)
P02 / (TI06) / (TO06)
P67 / (TI02) / (TO02)
P127 / (TI03) / (TO03)
P66 / (TI00) / (TO00)
P97 / ANI17
(QFP)
P157 / (SNZOUT4)
P100 / ANI18
P156 / (SNZOUT5)
P101 / ANI19
P00 / (TI05) / (TO05) / INTP9
P102 / ANI20
P155 / (SNZOUT6)
P93 / ANI13
100pin
P76 / (SCK10) / KR6
P94 / ANI14
P77 / (SSI10) / INTP12 / KR7
P95 / ANI15
P130 / RESOUT
P96 / ANI16
P140 / TRD1RES / PCLBUZ0
P87 / ANI9
RL78/F24
P73 / ANI29 / SSI11 / (CRXD0) / SNZOUT7 / KR3
P90 / ANI10
EVSS1
P91 / ANI11
P74 / ANI30 / (SO10) / (TXD1) / KR4
P92 / ANI12
P75 / (SI10) / (RXD1) / KR5
P84 / ANI4 / IVCMP02
P70 / ANI26 / TI15 / TO15 / SI11 / SDA11 / INTP8 / SNZOUT4 / KR0
P85 / ANI5 / IVREF0 / IVCMP03
P71 / ANI27 / TI17 / TO17 / SCK11 / SCL11 / INTP6 / SNZOUT5 / KR1
P86 / ANI8
P72 / ANI28 / SO11 / (CTXD0) / SNZOUT6 / KR2
P81 / ANI1
P30 / TI01 / TO01 / TRDIOD1 / SSI00 / INTP2 / SNZOUT0
P82 / ANI2 / IVCMP00
P32 / TI16 / TO16 / (SO11) / INTP7
P83 / ANI3 / IVCMP01
P03 / (RTC1HZ)
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com