Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F24 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 92Page - Renesas Technology Corp F24 Datasheet HTML 93Page - Renesas Technology Corp F24 Datasheet HTML 94Page - Renesas Technology Corp F24 Datasheet HTML 95Page - Renesas Technology Corp F24 Datasheet HTML 96Page - Renesas Technology Corp F24 Datasheet HTML 97Page - Renesas Technology Corp F24 Datasheet HTML 98Page - Renesas Technology Corp F24 Datasheet HTML 99Page - Renesas Technology Corp F24 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 210 page
background image
RL78/F23, F24
4. ELECTRICAL SPECIFICATIONS (GRADE 4)
R01DS0446EJ0120 Rev.1.20
Page 96 of 207
Dec 31, 2025
(3/3)
Parameter
Symbol
Conditions
Ratings
Unit
Positive injected
current (VI > VDD) Note
IINJP
Per pin
P00 to P03, P10 to P17, P30 to P32, P41 to P47, P50
to P57, P60 to P67, P75 to P77, P106, P107, P126,
P127, P140, P150 to P157
5
mA
P70 to P74, P80 to P87, P90 to P97, P100 to P105,
P120, P125
2
mA
Negative injected
current
(VI < VSS) Note
IINJN
Per pin
P00 to P03, P10 to P17, P30 to P32, P41 to P47, P50
to P57, P60 to P67, P75 to P77, P106, P107, P126,
P127, P140, P150 to P157
-5
mA
P70 to P74, P80 to P87, P90 to P97, P100 to P105,
P120, P125
-0.5
mA
Sum of all positive
injected currents Note
ΣIINJP
Total of all pins
P00 to P03, P10 to P17, P30 to P32, P41 to P47, P50
to P57, P60 to P67, P75 to P77, P106, P107, P126,
P127, P140, P150 to P157
40
mA
P70 to P74, P80 to P87, P90 to P97, P100 to P105,
P120, P125
10
mA
Sum of all negative
injected currents Note
ΣIINJN
Total of all pins
P00 to P03, P10 to P17, P30 to P32, P41 to P47, P50
to P57, P60 to P67, P75 to P77, P106, P107, P126,
P127, P140, P150 to P157
-40
mA
P70 to P74, P80 to P87, P90 to P97, P100 to P105,
P120, P125
-2
mA
Total of all injected
currents Note
Σ|IINJP|
+ Σ|IINJN|
Total of all pins
P00 to P03, P10 to P17, P30 to P32, P41 to P47, P50
to P57, P60 to P67, P75 to P77, P106, P107, P126,
P127, P140, P150 to P157
40
mA
P70 to P74, P80 to P87, P90 to P97, P100 to P105,
P120, P125
10
mA
Operating ambient
temperature
TA
In normal operation mode
-40 to +125
°C
In flash memory programming mode
Storage temperature
Tstg
-65 to +150
°C
Note Conditions: 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
Remarks 1. Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.
2. VI :This is the input voltage level to the port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com