Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC21B1 Datasheet (PDF) - STMicroelectronics

M74HC21B1 Datasheet PDF - STMicroelectronics
Part # M74HC21B1
Download  M74HC21B1 Download
File Size   193.15 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 4-INPUT AND GATE

M74HC21B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC21B1 Datasheet PDF - STMicroelectronics

Part # M74HC21B1
Download  M74HC21B1 Click to download

File Size   193.15 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 4-INPUT AND GATE

M74HC21B1 Datasheet (HTML) - STMicroelectronics


M74HC21B1 Product details

DESCRIPTION

The M74HC21 is an high speed CMOS DUAL 4-INPUT AND GATE fabricated with silicon gate C2MOS technology.

The internal circuit is composed of 3 stages including buffer output, which enables high noise immunity and stable output.

All inputs are equipped with protection circuits against static discharge and transient excess voltage.



■ HIGH SPEED:

   tPD = 11ns (TYP.) at VCC = 6V

■ LOW POWER DISSIPATION:

   ICC = 1µA(MAX.) at TA=25°C

■ HIGH NOISE IMMUNITY:

   VNIH = VNIL = 28 % VCC (MIN.)

■ SYMMETRICAL OUTPUT IMPEDANCE:

   |IOH| = IOL = 4mA (MIN)

■ BALANCED PROPAGATION DELAYS:

   tPLH = tPHL

■ WIDE OPERATING VOLTAGE RANGE:

   VCC (OPR) = 2V to 6V

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 21



 




Similar Part No. - M74HC21B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC21B1R STMICROELECTRONICS-M74HC21B1R Datasheet
232Kb / 9P
DUAL 4-INPUT AND GATE
Dec-1992
More results


Similar Description - M74HC21B1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4082B PHILIPS-HEF4082B Datasheet
26Kb / 3P
Dual 4-input AND gate
January 1995
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F Datasheet
190Kb / 5P
DUAL 4-INPUT AND GATE
logo
Integral Corp.
IN74HC21A INTEGRAL-IN74HC21A Datasheet
38Kb / 5P
Dual 4-Input AND Gate
IN74ACT21 INTEGRAL-IN74ACT21 Datasheet
133Kb / 4P
DUAL 4-INPUT AND GATE
IN74HCT21A INTEGRAL-IN74HCT21A Datasheet
38Kb / 5P
Dual 4-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74HC21A KODENSHI-KK74HC21A Datasheet
251Kb / 5P
Dual 4-Input AND Gate
KK74HCT21A KODENSHI-KK74HCT21A Datasheet
249Kb / 5P
Dual 4-Input AND Gate
logo
IK Semicon Co., Ltd
IN74HC21A IKSEMICON-IN74HC21A Datasheet
236Kb / 5P
Dual 4-Input AND Gate
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F_08 Datasheet
210Kb / 9P
Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B-Q100 NEXPERIA-HEF4082B-Q100 Datasheet
717Kb / 11P
Dual 4-input AND gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com