Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG4911P Datasheet (PDF) - Infinite Electronics International, Inc.

HG4911P Datasheet PDF - Infinite Electronics International, Inc.
Part # HG4911P
Download  HG4911P Download
File Size   284.89 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 4.9 GHz 11 dBi Flat Patch Wireless LAN WiFi Antenna for 802.11a US Homeland Security and

HG4911P Datasheet (PDF)

Go To PDF Page Download Datasheet
HG4911P Datasheet PDF - Infinite Electronics International, Inc.

Part # HG4911P
Download  HG4911P Click to download

File Size   284.89 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 4.9 GHz 11 dBi Flat Patch Wireless LAN WiFi Antenna for 802.11a US Homeland Security and

HG4911P Datasheet (HTML) - Infinite Electronics International, Inc.


HG4911P Product details

Applications:  Homeland Security
 Public Safety Services: Fire, Police, Security
 Large Scale WLL
 Personal Area Network (PAN)
 WLAN / Hot Spot
 WLAN / On-Scene Incident Command

Features:  Light weight
 All weather operation
 Compact flat panel design
 Integral SMA-Female connector
 Can be installed for either vertical or horizontal polarization
 Optional Mounting Kits available




Similar Part No. - HG4911P

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG4922EG-1-NF L-COM-HG4922EG-1-NF Datasheet
401Kb / 3P
4.9 GHz to 5.8 GHz 22 dBi Lightweight Die-cast Grid Antenna Type N Female Connector
04/08/21
HG4927EG-1-NF L-COM-HG4927EG-1-NF Datasheet
423Kb / 3P
4.9 GHz to 5.8 GHz 27 dBi Lightweight Die-cast Grid Antenna Type N Female Connector
logo
Honeywell Solid State E...
HG4930 HONEYWELL-HG4930 Datasheet
805Kb / 13P
INERTIAL MEASUREMENT UNIT (IMU)
logo
Infinite Electronics In...
HG4953P L-COM-HG4953P Datasheet
229Kb / 2P
HyperLink Wireless 4.4 GHz to 5.5 GHz (4400 - 5500 MHz) Broadband 8 dBi Flat Patch Wireless LAN Antenna
HG4958-07PCL L-COM-HG4958-07PCL Datasheet
119Kb / 1P
4.9GHz - 5.8GHz 7dBi LH POLARIZED FLAT PATCH ANTENNA W/ SMA-FEMALE CONNECTOR
01/24/12
More results


Similar Description - HG4911P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ADM8262 INFINEON-ADM8262 Datasheet
425Kb / 2P
Wireless LAN 802.11a/b/g Controller
2004
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
Dual-Band 802.11a-g-n-ac Wireless LAN
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
logo
Johanson Technology Inc...
2450AD14A5500T JOHANSON-2450AD14A5500T Datasheet
306Kb / 6P
802.11 Dual Band 2.45/5 GHz Mini Chip Antenna. WiFi, Wireless LAN
logo
NIHON DEMPA KOGYO
2725T NDK-2725T_18 Datasheet
931Kb / 1P
For wireless LAN
logo
Qorvo, Inc
RFFM8506 QORVO-RFFM8506 Datasheet
591Kb / 10P
4.9 GHz to 5.85 GHz 802.11a/n/ac WiFi Front End Module
logo
Schneider Electric
HMIYMINWIFI2 SCHNEIDER-HMIYMINWIFI2 Datasheet
97Kb / 2P
Optional interface, Harmony iPC, Wireless LAN Wifi access point 2x antenna
May 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com