Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG4953P Datasheet (PDF) - Infinite Electronics International, Inc.

HG4953P Datasheet PDF - Infinite Electronics International, Inc.
Part # HG4953P
Download  HG4953P Download
File Size   229.45 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 4.4 GHz to 5.5 GHz (4400 - 5500 MHz) Broadband 8 dBi Flat Patch Wireless LAN Antenna

HG4953P Datasheet (PDF)

Go To PDF Page Download Datasheet
HG4953P Datasheet PDF - Infinite Electronics International, Inc.

Part # HG4953P
Download  HG4953P Click to download

File Size   229.45 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 4.4 GHz to 5.5 GHz (4400 - 5500 MHz) Broadband 8 dBi Flat Patch Wireless LAN Antenna

HG4953P Datasheet (HTML) - Infinite Electronics International, Inc.


HG4953P Product details

Applications: 4.9 GHz Frequency Range (4940-4990 MHz):
◊ Homeland Security
◊ Public Safety Services: Fire, Police, Security
◊ Rapid Deployment Installations
◊ Large Scale WLL
◊ Personal Area Network (PAN)
◊ WLAN / Hot Spot
◊ WLAN / On-Scene Incident Command
5.3 GHz Frequency Range (5150-5250 MHz, 5250-5350 MHz)
◊ 5.3 GHz Band Applications
◊ IEEE 802.11a Wireless LAN
◊ WiFi

Features:  Superior performance
 Broadband operation
 Flat panel design
 Compact size, light weight
 All weather operation
 8 dBi gain
 Integral SMA-Female connector
 Durable UV-stable, UL flame rated radome
 RoHS Compliant
 Low loss solid brass element
 Can be installed for either vertical or horizontal polarization
 Optional Mounting Kits available




Similar Part No. - HG4953P

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG4958-07PCL L-COM-HG4958-07PCL Datasheet
119Kb / 1P
4.9GHz - 5.8GHz 7dBi LH POLARIZED FLAT PATCH ANTENNA W/ SMA-FEMALE CONNECTOR
01/24/12
HG4958-07PCR L-COM-HG4958-07PCR Datasheet
119Kb / 1P
4.9GHz - 5.8GHz 7dBi RH POLARIZED FLAT PATCH ANTENNA W/ SMA-FEMALE CONNECTOR
01/24/12
HG4958-17DP-090 L-COM-HG4958-17DP-090 Datasheet
336Kb / 2P
HyperLink Wireless Brand 4.9-5.8 GHz Dual Polarized Sector Antenna Model: HG4958-17DP-090
HG4958-17DP-3NF L-COM-HG4958-17DP-3NF Datasheet
228Kb / 2P
HyperLink Wireless 4.9/5.8 GHz Dual Polarized17 dBi Flat Panel Antenna
HG4958-19DP L-COM-HG4958-19DP Datasheet
432Kb / 4P
HyperLink Wireless 4.9-5.8GHz Dual Polarized Flat Panel Antenna
More results


Similar Description - HG4953P

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
logo
Pasternack Enterprises,...
PE51037 PASTERNACK-PE51037 Datasheet
77Kb / 1P
Vertical Omni Antenna 5500 MHz, 12.0 dBi
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com