Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4851 Datasheet (PDF) - STMicroelectronics

M74HC4851 Datasheet PDF - STMicroelectronics
Part # M74HC4851
Download  M74HC4851 Download
File Size   234.71 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION

M74HC4851 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC4851 Datasheet PDF - STMicroelectronics

Part # M74HC4851
Download  M74HC4851 Click to download

File Size   234.71 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION

M74HC4851 Datasheet (HTML) - STMicroelectronics


M74HC4851 Product details

DESCRIPTION
The M74HC4851 is a single eight-channel analog MULTIPLEXER/DEMULTIPLEXER fabricated with silicon gate C2MOS technology.
It is pin to pin compatible with the equivalent to standard HC4051 and MC14051, but feature injection current effect control. This make this device especially suited for usage in automotive applications where voltages in excess of normal logic voltage are common. The injection current effect control allows signals at disabled input channels to exceed the supply voltage range or go down ground without affecting the signal of the enabled analog channel. This eliminated the need for external diode-resistor networks typically used to keep the analog channel signals within the supply voltage range. This analog switch is bidirectional and digitally controlled. It have three binary control inputs A, B, and C to select 1 of 8 to be turned on, and connected to the output, and a INH input to disable all channel.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ LOW POWER DISSIPATION:
   ICC = 2µA(MAX.) at TA=25°C
■ INJECTION CURRENT PROTECTION:
   V∆OUT<1mV at VCC=5V IIN≤1mA RS≤3.9KΩ
■ "ON" RESISTANCE at TA=25°C:
   215Ω TYP. (VCC = 3.0V)
   150Ω TYP. (VCC = 4.5V)
   160Ω TYP. (VCC = 6V)
■ FAST SWITCHING:
   tpd = 8.6ns (TYP.) at TA = 25 °C, VCC = 4.5V
■ WIDE OPERATING SUPPLY VOLTAGE
   RANGE: VCC = 2V TO 6V
■ HIGH NOISE IMMUNITY:
   VNIH = VNIL = 28% VCC (MIN.)
■ PIN AND FUNCTION COMPATIBLE WITH
   SERIES 4051, 4851
■ LATCH-UP PERFORMANCE EXCEEDS
   500mA (JESD 17)
■ ESD PERFORMANCE:
   HBM > 2000V (JESD22-A114B);
   MM > 200V




Similar Part No. - M74HC4851

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4851 STMICROELECTRONICS-M74HC4851 Datasheet
399Kb / 15P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4851M1R STMICROELECTRONICS-M74HC4851M1R Datasheet
399Kb / 15P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4851MWR STMICROELECTRONICS-M74HC4851MWR Datasheet
399Kb / 15P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4851RM13TR STMICROELECTRONICS-M74HC4851RM13TR Datasheet
399Kb / 15P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4851TTR STMICROELECTRONICS-M74HC4851TTR Datasheet
399Kb / 15P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
More results


Similar Description - M74HC4851

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4852 STMICROELECTRONICS-M74HC4852 Datasheet
242Kb / 11P
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Sep-2002
M74HC4852 STMICROELECTRONICS-M74HC4852_03 Datasheet
410Kb / 15P
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4851 STMICROELECTRONICS-M74HC4851_03 Datasheet
399Kb / 15P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
logo
List of Unclassifed Man...
M74HC4852YRM13TR ETC2-M74HC4852YRM13TR Datasheet
306Kb / 15P
Dual 4:1 channel analog MUX/DEMUX with injection current protection
logo
NXP Semiconductors
74HC_HCT4851 PHILIPS-74HC_HCT4851_15 Datasheet
122Kb / 20P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
ON Semiconductor
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
Mux / Demux Analog Switch
December, 2015 ??Rev. 1
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
Mux / Demux Analog Switch
December, 2018- Rev. 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com