Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4852 Datasheet (PDF) - STMicroelectronics

M74HC4852 Datasheet PDF - STMicroelectronics
Part # M74HC4852
Download  M74HC4852 Download
File Size   242.96 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION

M74HC4852 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC4852 Datasheet PDF - STMicroelectronics

Part # M74HC4852
Download  M74HC4852 Click to download

File Size   242.96 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION

M74HC4852 Datasheet (HTML) - STMicroelectronics


M74HC4852 Product details

DESCRIPTION
The M74HC4852 is a dual four-channel analog MULTIPLEXER/DEMULTIPLEXER fabricated with silicon gate C2MOS technology.
   
■ LOW POWER DISSIPATION:
    ICC = 2µA(MAX.) at TA=25°C
■ INJECTION CURRENT PROTECTION:
    V∆OUT<1mV at VCC=5V IIN≤1mA RS≤3.9KΩ
■ "ON" RESISTANCE at TA=25°C:
    215Ω TYP. (VCC = 3.0V)
    150Ω TYP. (VCC = 4.5V)
    160Ω TYP. (VCC = 6V)
■ FAST SWITCHING:
    tpd = 8.6ns (TYP.) at TA = 25 °C, VCC = 4.5V
■ WIDE OPERATING SUPPLY VOLTAGE
    RANGE: VCC = 2V TO 6V
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28% VCC (MIN.)
■ PIN AND FUNCTION COMPATIBLE WITH
    SERIES 4052, 4852
■ LATCH-UP PERFORMANCE EXCEEDS
    500mA (JESD 17)
■ ESD PERFORMANCE:
    HBM > 2000V (JESD22-A114B);
    MM > 200V
   




Similar Part No. - M74HC4852

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4852 STMICROELECTRONICS-M74HC4852 Datasheet
410Kb / 15P
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4852MWR STMICROELECTRONICS-M74HC4852MWR Datasheet
410Kb / 15P
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4852RM13TR STMICROELECTRONICS-M74HC4852RM13TR Datasheet
410Kb / 15P
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
logo
List of Unclassifed Man...
M74HC4852RM13TR ETC2-M74HC4852RM13TR Datasheet
306Kb / 15P
Dual 4:1 channel analog MUX/DEMUX with injection current protection
logo
STMicroelectronics
M74HC4852TTR STMICROELECTRONICS-M74HC4852TTR Datasheet
410Kb / 15P
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
More results


Similar Description - M74HC4852

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4851 STMICROELECTRONICS-M74HC4851 Datasheet
234Kb / 11P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Sep-2002
logo
Pericom Semiconductor C...
PI5C3253C PERICOM-PI5C3253C Datasheet
41Kb / 4P
Dual 4:1 Mux/DeMux Bus Switch with-2V Undershoot Protection
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852_07 Datasheet
463Kb / 22P
DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
STMicroelectronics
M74HC4852 STMICROELECTRONICS-M74HC4852_03 Datasheet
410Kb / 15P
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4851 STMICROELECTRONICS-M74HC4851_03 Datasheet
399Kb / 15P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
logo
Pericom Semiconductor C...
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
logo
List of Unclassifed Man...
M74HC4852YRM13TR ETC2-M74HC4852YRM13TR Datasheet
306Kb / 15P
Dual 4:1 channel analog MUX/DEMUX with injection current protection
logo
Potato Semiconductor Co...
PO3B3253A POTATO-PO3B3253A_14 Datasheet
1Mb / 6P
Dual 4:1 Mux/DeMux
logo
Integrated Device Techn...
QS3253S1G IDT-QS3253S1G Datasheet
223Kb / 5P
DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com