Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4852 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4852
Description  DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4852 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4852 Datasheet HTML 1Page - STMicroelectronics M74HC4852 Datasheet HTML 2Page - STMicroelectronics M74HC4852 Datasheet HTML 3Page - STMicroelectronics M74HC4852 Datasheet HTML 4Page - STMicroelectronics M74HC4852 Datasheet HTML 5Page - STMicroelectronics M74HC4852 Datasheet HTML 6Page - STMicroelectronics M74HC4852 Datasheet HTML 7Page - STMicroelectronics M74HC4852 Datasheet HTML 8Page - STMicroelectronics M74HC4852 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
September 2002
s
LOW POWER DISSIPATION:
ICC =2µA(MAX.) at TA=25°C
s
INJECTION CURRENT PROTECTION:
V∆OUT<1mV at VCC=5V IIN≤1mA RS≤3.9KΩ
s
"ON" RESISTANCE at TA=25°C:
215
Ω TYP. (V
CC =3.0V)
150
Ω TYP. (V
CC =4.5V)
160
Ω TYP. (V
CC =6V)
s
FAST SWITCHING:
tpd =8.6ns (TYP.) at TA =25°C, VCC =4.5V
s
WIDE OPERATING SUPPLY VOLTAGE
RANGE: VCC =2V TO6V
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28% VCC (MIN.)
s
PIN AND FUNCTION COMPATIBLE WITH
SERIES 4052, 4852
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (JESD22-A114B);
MM > 200V
DESCRIPTION
The M74HC4852 is a dual four-channel analog
MULTIPLEXER/DEMULTIPLEXER
fabricated
with silicon gate C2MOS technology.
It is pin to pin compatible with the equivalent to
standard HC4052 and
MC14052, but features
injection current effect control. This makes this
device especially suited for usage in automotive
applications where voltages in excess of normal
logic voltage are common. The injection current
effect control allows signals at disabled input
channels to exceed the supply voltage range or go
down ground without affecting the signal of the
enabled analog channel. This eliminates the need
for external diode-resistor networks typically used
to keep the analog channel signals within the
supply voltage range. This analog switch is
bidirectional and digitally controlled. It has two
binary control inputs A and B to select 1 of 4 to be
turned on, and connected to the output, and a INH
input to disable all channels.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
M74HC4852
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX
WITH INJECTION CURRENT PROTECTION
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
SOP
M74HC4852M1R
M74HC4852RM13TR
TSSOP
M74HC4852TTR
TSSOP
SOP


Similar Part No. - M74HC4852

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4852 STMICROELECTRONICS-M74HC4852 Datasheet
410Kb / 15P
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4852MWR STMICROELECTRONICS-M74HC4852MWR Datasheet
410Kb / 15P
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4852RM13TR STMICROELECTRONICS-M74HC4852RM13TR Datasheet
410Kb / 15P
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
logo
List of Unclassifed Man...
M74HC4852RM13TR ETC2-M74HC4852RM13TR Datasheet
306Kb / 15P
Dual 4:1 channel analog MUX/DEMUX with injection current protection
logo
STMicroelectronics
M74HC4852TTR STMICROELECTRONICS-M74HC4852TTR Datasheet
410Kb / 15P
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
More results

Similar Description - M74HC4852

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4851 STMICROELECTRONICS-M74HC4851 Datasheet
234Kb / 11P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Sep-2002
logo
Pericom Semiconductor C...
PI5C3253C PERICOM-PI5C3253C Datasheet
41Kb / 4P
Dual 4:1 Mux/DeMux Bus Switch with-2V Undershoot Protection
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852_07 Datasheet
463Kb / 22P
DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
STMicroelectronics
M74HC4852 STMICROELECTRONICS-M74HC4852_03 Datasheet
410Kb / 15P
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4851 STMICROELECTRONICS-M74HC4851_03 Datasheet
399Kb / 15P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
logo
Pericom Semiconductor C...
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
logo
List of Unclassifed Man...
M74HC4852YRM13TR ETC2-M74HC4852YRM13TR Datasheet
306Kb / 15P
Dual 4:1 channel analog MUX/DEMUX with injection current protection
logo
Potato Semiconductor Co...
PO3B3253A POTATO-PO3B3253A_14 Datasheet
1Mb / 6P
Dual 4:1 Mux/DeMux
logo
Integrated Device Techn...
QS3253S1G IDT-QS3253S1G Datasheet
223Kb / 5P
DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com