Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4852 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC4852
Description  DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4852 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC4852 Datasheet HTML 1Page - STMicroelectronics M74HC4852 Datasheet HTML 2Page - STMicroelectronics M74HC4852 Datasheet HTML 3Page - STMicroelectronics M74HC4852 Datasheet HTML 4Page - STMicroelectronics M74HC4852 Datasheet HTML 5Page - STMicroelectronics M74HC4852 Datasheet HTML 6Page - STMicroelectronics M74HC4852 Datasheet HTML 7Page - STMicroelectronics M74HC4852 Datasheet HTML 8Page - STMicroelectronics M74HC4852 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HC4852
2/11
CONTROL INPUT EQUIVALENT CIRCUIT
I/O EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X: Don’t care
FUNCTIONAL DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
3, 13
YCOM, XCOM Common Output/Input
6
INH
INHIBIT Input
7
NC
Not Connected
10, 9
A, B
Select Inputs
12,14,15,11,
1, 5, 2, 4
X0 to X3,
Y0 to Y3
Independent
Input/Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUT STATE
ON CHANNEL
INH
B
A
LL
L
X0
Y0
LL
H
X1
Y1
LH
L
X2
Y2
LH
H
X3
Y3
H
X
X
NONE
NONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com