Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC51 Datasheet (PDF) - STMicroelectronics

74HC51 Datasheet PDF - STMicroelectronics
Part # 74HC51
Download  74HC51 Download
File Size   199.73 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE

74HC51 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC51 Datasheet PDF - STMicroelectronics

Part # 74HC51
Download  74HC51 Click to download

File Size   199.73 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE

74HC51 Datasheet (HTML) - STMicroelectronics


74HC51 Product details

DESCRIPTION

The M74HC51 is an high speed CMOS DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE fabricated with silicon gate C2MOS technology. It contains a 2-WIDE 2-INPUT AND/OR INVERT GATE and a 2-WIDE 3-INPUT AND/OR INVERT GATE.

The internal circuit is composed of 3 stages (2 INPUT) or 5 stages (3 INPUT) including buffer output, which enables high noise immunity and stable output.

All inputs are equipped with protection circuits against static discharge and transient excess voltage.



■ HIGH SPEED:  tPD = 11ns (TYP.) at VCC = 6V

■ LOW POWER DISSIPATION:  ICC = 1µA(MAX.) at TA=25°C

■ HIGH NOISE IMMUNITY:  VNIH = VNIL = 28 % VCC (MIN.)

■ SYMMETRICAL OUTPUT IMPEDANCE:  |IOH| = IOL = 4mA (MIN)

■ BALANCED PROPAGATION DELAYS:  tPLH = tPHL

■ WIDE OPERATING VOLTAGE RANGE:  VCC (OPR) = 2V to 6V

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 51



 




Similar Part No. - 74HC51

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
74HC51 HITACHI-74HC51 Datasheet
46Kb / 8P
2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
More results


Similar Description - 74HC51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4085B PHILIPS-HEF4085B Datasheet
29Kb / 3P
Dual 2-wide 2-input AND-OR-invert gate
January 1995
logo
STMicroelectronics
M54HC51 STMICROELECTRONICS-M54HC51 Datasheet
234Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
Dec-1992
logo
Texas Instruments
CD4085B TI-CD4085B Datasheet
527Kb / 11P
CMOS DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATE
logo
Fairchild Semiconductor
74F51 FAIRCHILD-74F51 Datasheet
49Kb / 4P
Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
Intersil Corporation
CD4085BMS INTERSIL-CD4085BMS Datasheet
78Kb / 9P
CMOS Dual 2 Wide 2 Input AND-OR-INVERT Gate
December 1992
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
logo
Motorola, Inc
MC5474F51 MOTOROLA-MC5474F51 Datasheet
53Kb / 2P
DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Nexperia B.V. All right...
74F51 NEXPERIA-74F51 Datasheet
198Kb / 9P
Dual 2-wide 2-input, 2-wide 3-input AND-OR-invert gate
March 3, 1989
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com