Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC51 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74HC51
Description  DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74HC51 Datasheet(HTML) 1 Page - STMicroelectronics

  74HC51 Datasheet HTML 1Page - STMicroelectronics 74HC51 Datasheet HTML 2Page - STMicroelectronics 74HC51 Datasheet HTML 3Page - STMicroelectronics 74HC51 Datasheet HTML 4Page - STMicroelectronics 74HC51 Datasheet HTML 5Page - STMicroelectronics 74HC51 Datasheet HTML 6Page - STMicroelectronics 74HC51 Datasheet HTML 7Page - STMicroelectronics 74HC51 Datasheet HTML 8Page - STMicroelectronics 74HC51 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
August 2001
s
HIGH SPEED:
tPD = 11ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 51
DESCRIPTION
The M74HC51 is an high speed CMOS DUAL 2
WIDE
2
INPUT
AND/OR
INVERT
GATE
fabricated with silicon gate C
2MOS technology.
It contains a 2-WIDE 2-INPUT AND/OR INVERT
GATE
and a 2-WIDE 3-INPUT
AND/OR
INVERT GATE.
The internal circuit is composed of 3 stages (2
INPUT) or 5 stages (3 INPUT) including buffer
output, which enables high noise immunity and
stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC51
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC51B1R
SOP
M74HC51M1R
M74HC51RM13TR
TSSOP
M74HC51TTR
TSSOP
DIP
SOP


Similar Part No. - 74HC51

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
74HC51 HITACHI-74HC51 Datasheet
46Kb / 8P
2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
More results

Similar Description - 74HC51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4085B PHILIPS-HEF4085B Datasheet
29Kb / 3P
Dual 2-wide 2-input AND-OR-invert gate
January 1995
logo
STMicroelectronics
M54HC51 STMICROELECTRONICS-M54HC51 Datasheet
234Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
Dec-1992
logo
Texas Instruments
CD4085B TI-CD4085B Datasheet
527Kb / 11P
CMOS DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATE
logo
Fairchild Semiconductor
74F51 FAIRCHILD-74F51 Datasheet
49Kb / 4P
Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
Intersil Corporation
CD4085BMS INTERSIL-CD4085BMS Datasheet
78Kb / 9P
CMOS Dual 2 Wide 2 Input AND-OR-INVERT Gate
December 1992
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
logo
Motorola, Inc
MC5474F51 MOTOROLA-MC5474F51 Datasheet
53Kb / 2P
DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Nexperia B.V. All right...
74F51 NEXPERIA-74F51 Datasheet
198Kb / 9P
Dual 2-wide 2-input, 2-wide 3-input AND-OR-invert gate
March 3, 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com