Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-499 Datasheet (PDF) - Brady Worldwide, Inc.

B-499 Datasheet PDF - Brady Worldwide, Inc.
Part # B-499
Download  B-499 Download
File Size   288.89 Kbytes
Page   4 Pages
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.
Description THERMAL TRANSFER / DOT MATRIX PRINTABLE NYLON CLOTH LABEL

B-499 Datasheet (PDF)

Go To PDF Page Download Datasheet
B-499 Datasheet PDF - Brady Worldwide, Inc.

Part # B-499
Download  B-499 Click to download

File Size   288.89 Kbytes
Page   4 Pages
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.
Description THERMAL TRANSFER / DOT MATRIX PRINTABLE NYLON CLOTH LABEL

B-499 Datasheet (HTML) - Brady Worldwide, Inc.


B-499 Product details

Description:
GENERAL
Print Technology: Thermal transfer
Material Type: Polyamide coated nylon cloth
Finish: Matte white
Adhesive: Permanent acrylic

APPLICATIONS
Wiremarking and general labeling applications
B-499 is not recommended for outdoor use.




Similar Part No. - B-499

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B-499 MACOM-B-499 Datasheet
73Kb / 1P
AC RELAYS 3PDT, Double Break, 35/200 Amps, 115 VAC, 400 Hz/28 VDC
logo
Brady Worldwide, Inc.
B-499 BRADY-B-499 Datasheet
239Kb / 1P
TLS 2200® & TLS PC Link™ Printer Ribbons
B-499 BRADY-B-499 Datasheet
416Kb / 1P
BMP®21-PLUS Materials
B-499 BRADY-B-499 Datasheet
197Kb / 4P
THERMAL TRANSFER / DOT MATRIX PRINTABLE NYLON CLOTH LABEL
03/25/2019
B-499 BRADY-B-499_V01 Datasheet
197Kb / 4P
THERMAL TRANSFER / DOT MATRIX PRINTABLE NYLON CLOTH LABEL
03/25/2019
More results


Similar Description - B-499

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
D3232SL-88 SEOUL-D3232SL-88 Datasheet
361Kb / 3P
LED DOT MATRIX
SSD-D6464SLMH-GREEN SEOUL-SSD-D6464SLMH-GREEN Datasheet
1Mb / 6P
LED DOT MATRIX
logo
BetLux Electronics
BL-M15X881XX BETLUX-BL-M15X881XX Datasheet
118Kb / 3P
LED DOT MATRIX
REV NO: V.3
BL-M15X882 BETLUX-BL-M15X882 Datasheet
161Kb / 4P
LED DOT MATRIX
REV NO: V.3
logo
Tyco Electronics
1654227 MACOM-1654227 Datasheet
2Mb / 48P
Thermal Transfer
logo
PANDUIT CORP.
C060X020YJC PANDUIT-C060X020YJC Datasheet
64Kb / 2P
P1??General Component Label Cassettes for PanTher??LS8E Hand-Held Thermal Transfer Printers
logo
Mini-Circuits
RC-2MTS-18 MINI-RC-2MTS-18 Datasheet
993Kb / 8P
RF Transfer Switch Matrix
RC-3MTS-18 MINI-RC-3MTS-18 Datasheet
1Mb / 11P
RF Transfer Switch Matrix
logo
3M Electronics
7045W 3M-7045W Datasheet
353Kb / 3P
Screen Printable Vinyl Performance Label Products
logo
Mini-Circuits
RC-2MTS-12N MINI-RC-2MTS-12N Datasheet
974Kb / 7P
RF Transfer Switch Matrix
REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com