Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2409MGU-RTP Datasheet (PDF) - Infinite Electronics International, Inc.

HG2409MGU-RTP Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2409MGU-RTP
Download  HG2409MGU-RTP Download
File Size   121.95 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base

HG2409MGU-RTP Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2409MGU-RTP Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2409MGU-RTP
Download  HG2409MGU-RTP Click to download

File Size   121.95 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base

HG2409MGU-RTP Datasheet (HTML) - Infinite Electronics International, Inc.


HG2409MGU-RTP Product details

Applications:  2.4 GHz ISM Band
 2.36 GHz CDMA Band
 IEEE 802.11b and 802.11g Wireless LAN
 Bluetooth®
 Public Wireless Hotspot
 WiFi
 Wireless Video Systems
 Multipoint and Mobile Applications

Features:  Superior performance
 Compact, lightweight design
 Durable UV-stable fiberglass radome
 Vented end cap and drain holes in base
 All weather operation
 Magnetic base with 10 ft. high performance low-loss 195-series cable
 N-Male, N-Female or RP-SMA Plug connectors
 Can be installed in up or down positions
 RoHS Compliant
 Optional antenna mounts available




Similar Part No. - HG2409MGU-RTP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2409MGU-RSP L-COM-HG2409MGU-RSP Datasheet
121Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
More results


Similar Description - HG2409MGU-RTP

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Level One
WAN-2185 LVL1-WAN-2185 Datasheet
221Kb / 3P
8.5 dBi Indoor/Outdoor Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
logo
Maxtena Inc.
MEA-2400-MM MAXTENA-MEA-2400-MM Datasheet
1Mb / 3P
2.4 GHz ISM Magnetic Mount antenna
REV A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com