Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2409U Datasheet (PDF) - Infinite Electronics International, Inc.

HG2409U Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2409U
Download  HG2409U Download
File Size   172.02 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz 8.5 dBi Omnidirectional Antenna - N-Male Connector

HG2409U Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2409U Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2409U
Download  HG2409U Click to download

File Size   172.02 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz 8.5 dBi Omnidirectional Antenna - N-Male Connector

HG2409U Datasheet (HTML) - Infinite Electronics International, Inc.


HG2409U Product details

Features
• Can be installed in up or down positions
• Durable UV-stable fiberglass radome for all weather operation
• Vented end cap and drain holes in base for all weather operation
• Integral N-Male connector
• Optional antenna mounts available

Applications
• Bluetooth® & Public Wireless Hotspot
• 2.4 GHz ISM Band
• Supports IEEE 802.11b/g/n applications
• WiFi and 2.4 GHz wireless video systems




Similar Part No. - HG2409U

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2409U-PRO L-COM-HG2409U-PRO Datasheet
249Kb / 2P
HyperLink 2.4 GHz 9 dBi Omni-Directional Wireless LAN Antenna
HG2409U-PRO-5PK L-COM-HG2409U-PRO-5PK Datasheet
52Kb / 1P
2.4GHz 9dBi OMNI ANTENNA
05/02/11
HG2409UDT-PRO L-COM-HG2409UDT-PRO Datasheet
226Kb / 2P
2.4 GHz 9 dBi Omni-Directional with 7° Down-Tilt Antenna
HG2409UDT-PRO-5PK L-COM-HG2409UDT-PRO-5PK Datasheet
48Kb / 1P
2.4GHz 9dBi OMNI ANTENNA
04/28/11
HG2409UM-RSP L-COM-HG2409UM-RSP Datasheet
208Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Marine
More results


Similar Description - HG2409U

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51024 PASTERNACK-PE51024 Datasheet
646Kb / 2P
OUTDOOR ISM & RFID ANTENNA 8.5 dBi; RHCP
PE51025 PASTERNACK-PE51025 Datasheet
644Kb / 2P
OUTDOOR ISM & RFID ANTENNA 8.5 dBi; LHCP
logo
List of Unclassifed Man...
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
2.4 GHz panel antenna
logo
Level One
WAN-2185 LVL1-WAN-2185 Datasheet
221Kb / 3P
8.5 dBi Indoor/Outdoor Antenna
logo
Pasternack Enterprises,...
PE51141 PASTERNACK-PE51141 Datasheet
316Kb / 2P
Fixed Antenna Operates From 2.4 GHz to 2.5 GHz With a Maximum 11 dBi Gain N Female Input Connector
logo
Microchip Technology
TRF1002 MICROCHIP-TRF1002 Datasheet
76Kb / 1P
Aristotle RFA-02-5-F7H1 5 dBi 2.4 GHz External Antenna
3/26/2012
TRF1001 MICROCHIP-TRF1001 Datasheet
75Kb / 1P
Aristotle RFA-02-L2H1 2 dBi 2.4 GHz External Antenna
3/26/2012
logo
Pulse A Technitrol Comp...
W3001 PULSE-W3001 Datasheet
800Kb / 10P
2.4 GHz WiFi Antenna
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com