Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC646 Datasheet (PDF) - STMicroelectronics

HC646 Datasheet PDF - STMicroelectronics
Part # HC646
Download  HC646 Download
File Size   202.3 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HC648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HC646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE

HC646 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC646 Datasheet PDF - STMicroelectronics

Part # HC646
Download  HC646 Click to download

File Size   202.3 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HC648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HC646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE

HC646 Datasheet (HTML) - STMicroelectronics


HC646 Product details

DESCRIPTION
The M74HC646/648 are high speed CMOS OCTAL BUS TRANSCEIVERS AND REGISTERS, (3- STATE) fabricated in silicon gate C2MOS technology. They have the same high speed performance of LSTTL combined with true CMOS low power consumption.

■ HIGH SPEED
    fMAX = 73 MHz (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 4 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY
    VNIH = VNIL= 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
    15 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    |IOH| = IOL = 6 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE
    WITH 54/74LS646/648




Similar Part No. - HC646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HC646 PHILIPS-HC646 Datasheet
91Kb / 12P
Octal bus transceiver/register; 3-state
September 1993
logo
Texas Instruments
HC646 TI-HC646 Datasheet
175Kb / 10P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
HC646 TOSHIBA-HC646 Datasheet
307Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
Hitachi Semiconductor
HC646 HITACHI-HC646 Datasheet
61Kb / 10P
Octal Bus Transceivers/Registers with Multiplexed 3-state outputs
logo
National Semiconductor ...
HC646 NSC-HC646 Datasheet
198Kb / 6P
Non-Inverting Octal Bus Transceiver/Registers
More results


Similar Description - HC646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
Octal bus transceiver/register 3-State
1998 Feb 17
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
Octal bus transceiver/register; 3-state
September 1993
logo
STMicroelectronics
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
M74HCT646 STMICROELECTRONICS-M74HCT646 Datasheet
201Kb / 12P
HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
Oct-1993
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com