Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT646 Datasheet (PDF) - STMicroelectronics

M74HCT646 Datasheet PDF - STMicroelectronics
Part # M74HCT646
Download  M74HCT646 Download
File Size   201.41 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.

M74HCT646 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT646 Datasheet PDF - STMicroelectronics

Part # M74HCT646
Download  M74HCT646 Click to download

File Size   201.41 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.

M74HCT646 Datasheet (HTML) - STMicroelectronics


M74HCT646 Product details

DESCRIPTION
The M74HCT646/648 are high speed CMOS OCTAL BUS TRANSCEIVERS AND REGISTERS, (3-STATE) fabricated in silicon gate C2MOS technology. They have the same high speed performance of LSTTL combined with true CMOS low power consumption. These devices consist of bus transceiver circuits with 3-state output, D-type flip-flops, and control circuitry arranged for multiplexed transmission of data directly from the input bus or from the internal registers.

■ HIGH SPEED fMAX = 60 MHz (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION ICC = 4 µA (MAX.) AT TA = 25 °C
■ COMPATIBLE WITH TTL OUTPUTS VIH = 2V (MIN.) VIL = 0.8V (MAX)
■ OUTPUT DRIVE CAPABILITY 15 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE |IOH| = IOL = 6 mA (MIN.)
■ BALANCED PROPAGATION DELAYS tPLH = tPHL
■ PIN AND FUNCTION COMPATIBLE WITH 54/74LS646/648




Similar Part No. - M74HCT646

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT640 STMICROELECTRONICS-M74HCT640 Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M74HCT640B1R STMICROELECTRONICS-M74HCT640B1R Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M74HCT640C1R STMICROELECTRONICS-M74HCT640C1R Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M74HCT640M1R STMICROELECTRONICS-M74HCT640M1R Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M74HCT643 STMICROELECTRONICS-M74HCT643 Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
More results


Similar Description - M74HCT646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
Octal bus transceiver/register 3-State
1998 Feb 17
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
Octal bus transceiver/register; 3-state
September 1993
logo
STMicroelectronics
M74HC646 STMICROELECTRONICS-M74HC646 Datasheet
202Kb / 12P
HC648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HC646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
Oct-1993
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
Oct-1993
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com