Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT646 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT646
Description  HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT646 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT646 Datasheet HTML 1Page - STMicroelectronics M74HCT646 Datasheet HTML 2Page - STMicroelectronics M74HCT646 Datasheet HTML 3Page - STMicroelectronics M74HCT646 Datasheet HTML 4Page - STMicroelectronics M74HCT646 Datasheet HTML 5Page - STMicroelectronics M74HCT646 Datasheet HTML 6Page - STMicroelectronics M74HCT646 Datasheet HTML 7Page - STMicroelectronics M74HCT646 Datasheet HTML 8Page - STMicroelectronics M74HCT646 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M74HCT646
M74HCT648
October 1993
HCT648 OCTAL BUS TRANSCEIVER/REGISTER (3-STATE, INV.)
HCT646 OCTAL BUS TRANSCEIVER/REGISTER (3-STATE)
B1R
(Plastic Package)
ORDER CODES :
M74HCTXXXM1R
M74HCTXXXB1R
M1R
(Micro Package)
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN CONNECTIONS (top view)
GAB, GAB, CAB,
A, B
SAB, SBA, CBA
.
HIGH SPEED
fMAX = 60 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.) VIL = 0.8V (MAX)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH=IOL = 6 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS646/648
DESCRIPTION
The M74HCT646/648 are high speed CMOS
OCTAL BUS TRANSCEIVERS AND REGISTERS,
(3-STATE) fabricated in silicon gate C
2MOS tech-
nology.
They
have
the
same
high
speed
performance of LSTTL combined with true CMOS
low power consumption. These devices consist of
bus transceiver circuits with 3-state output, D-type
flip-flops, and control circuitry arranged for multi-
plexed transmission of data directly from the input
bus or from the internal registers. Data on the A or
B bus will be clocked into the registers on the low-
to-high transition of the appropriate clock pin (Clock
AB - or Clock BA). Enable (G) and direction (DIR)
pins are provided to control the transceiver function-
s. In the transceiver mode, data present at the
high-impedance port may be stored in either register
or in both. The select controls (Select AB select BA)
can multiplex stored and real-time (transparent
mode) data. The direction control determines which
bus will receive data when enable G is active (low).
In the isolation mode (enable G high), ”A” data may
be stored in one register and/or ”B” data may be
stored in the other register. When an output function
is disabled, the input function is still enabled and
may be used to store and transmit data. Only one
of the two buses, A or B, may be driven at a time.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.This integrated circuit has input and output
characteristics that are fully compatible with 54/74
LSTTL logic families. M74HCT devices are de-
signed to directly interface HSC
2MOS systems with
TTL and NMOS components. They are also plug in
replacements for LSTTL devices giving a reduction
of power consumption.
1/12


Similar Part No. - M74HCT646

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT640 STMICROELECTRONICS-M74HCT640 Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M74HCT640B1R STMICROELECTRONICS-M74HCT640B1R Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M74HCT640C1R STMICROELECTRONICS-M74HCT640C1R Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M74HCT640M1R STMICROELECTRONICS-M74HCT640M1R Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M74HCT643 STMICROELECTRONICS-M74HCT643 Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
More results

Similar Description - M74HCT646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
Octal bus transceiver/register 3-State
1998 Feb 17
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
Octal bus transceiver/register; 3-state
September 1993
logo
STMicroelectronics
M74HC646 STMICROELECTRONICS-M74HC646 Datasheet
202Kb / 12P
HC648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HC646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
Oct-1993
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
Oct-1993
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com