Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT646 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HCT646
Description  HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT646 Datasheet(HTML) 4 Page - STMicroelectronics

  M74HCT646 Datasheet HTML 1Page - STMicroelectronics M74HCT646 Datasheet HTML 2Page - STMicroelectronics M74HCT646 Datasheet HTML 3Page - STMicroelectronics M74HCT646 Datasheet HTML 4Page - STMicroelectronics M74HCT646 Datasheet HTML 5Page - STMicroelectronics M74HCT646 Datasheet HTML 6Page - STMicroelectronics M74HCT646 Datasheet HTML 7Page - STMicroelectronics M74HCT646 Datasheet HTML 8Page - STMicroelectronics M74HCT646 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1
CLOCK AB
A to B Clock Input (LOW to HIGH, Edge-Trigged)
2
SELECT AB
Select A to B Source Input
3
DIR
Direction Control Input
4, 5, 6, 7, 8, 9, 10, 11
A1 to A8
A data Inputs/Outputs
20, 19, 18, 17, 16, 15, 14, 13
B1 to B8
B Data Inputs/Outputs
21
G
Output Enable Input (Active LOW)
22
SELECT BA
Select B to A Source Input
23
CLOCK BA
B to A Clock Input (LOW to HIGH, Edge-Triggered)
12
GND
Ground (0V)
24
VCC
Positive Supply Voltage
IEC LOGIC SYMBOLS
HCT646
HCT648
M74HCT646/648
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com