Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2409XP Datasheet (PDF) - Infinite Electronics International, Inc.

HG2409XP Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2409XP
Download  HG2409XP Download
File Size   443.78 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4 GHz 9 dBi Cross Polarized Flat Panel Antenna

HG2409XP Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2409XP Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2409XP
Download  HG2409XP Click to download

File Size   443.78 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4 GHz 9 dBi Cross Polarized Flat Panel Antenna

HG2409XP Datasheet (HTML) - Infinite Electronics International, Inc.


HG2409XP Product details

Applications
 2.4 GHz Wireless LAN systems
 IEEE 802.11b/g/n applications
 2.4 GHz wireless video systems
 Dual diversity / dual antenna MIMO radios
 Public wireless hotspots

Features
 Independent cross polarized (X-Pol) antennas within one
enclosure
 Dual polarity feed system - (2) N-Female connectors
 Durable UV-stable, UL flame rated radome with integral
mounting flanges
 All weather operation
 Optional tilt-and-swivel pole mount kit available




Similar Part No. - HG2409XP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2409MGRD-RSP L-COM-HG2409MGRD-RSP Datasheet
56Kb / 1P
2.4 GHz 9dBi RUBBER DUCK ANTENNA W/MAG MOUNT, 5 FOOT 100 SERIES CABLE AND CONNECTOR
07/09/13
HG2409MGU-NF L-COM-HG2409MGU-NF Datasheet
121Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
HG2409MGU-NM L-COM-HG2409MGU-NM Datasheet
121Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
HG2409MGU-RSP L-COM-HG2409MGU-RSP Datasheet
121Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
HG2409MGU-RTP L-COM-HG2409MGU-RTP Datasheet
121Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
More results


Similar Description - HG2409XP

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
logo
List of Unclassifed Man...
FGPANEL01 ETC2-FGPANEL01 Datasheet
518Kb / 6P
2.4 GHz panel antenna
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
2.4 GHz panel antenna
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
W1038M PULSE-W1038M Datasheet
660Kb / 8P
Wireless External Antenna for 2.4 GHz Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com