Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG247103RD-RSP Datasheet (PDF) - Infinite Electronics International, Inc.

HG247103RD-RSP Datasheet PDF - Infinite Electronics International, Inc.
Part # HG247103RD-RSP
Download  HG247103RD-RSP Download
File Size   298.99 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz-2.5 GHz / 5.1 GHz-7.1 GHz, 2.5- 3.5 dBi WiFi 6e Tilt and Swivel Rubber Duck Antenna - Reverse Polarity SMA (RP-SMA) Male Connector

HG247103RD-RSP Datasheet (PDF)

Go To PDF Page Download Datasheet
HG247103RD-RSP Datasheet PDF - Infinite Electronics International, Inc.

Part # HG247103RD-RSP
Download  HG247103RD-RSP Click to download

File Size   298.99 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz-2.5 GHz / 5.1 GHz-7.1 GHz, 2.5- 3.5 dBi WiFi 6e Tilt and Swivel Rubber Duck Antenna - Reverse Polarity SMA (RP-SMA) Male Connector

HG247103RD-RSP Datasheet (HTML) - Infinite Electronics International, Inc.


HG247103RD-RSP Product details

Features
• Tilt and Swivel Design
• 2.4 GHz, 5 GHz, 6 GHz and 7 GHz Bands
• Reverse Polarity SMA (RP-SMA) Male Connector
• 2.5 to 3.5 dBi Gain

Applications
• Infotainment Systems, Routers, WiFi Hotspots, HD Video
Transmission, Gateways, Dash Cameras, Public Transportation
• WiFi 6e (802.11ax) Networks
• Connected Cars or Self-Driving Cars, Fleet Management,
Logistics
• IoT, Cellular, Zigbee, Z-Wave, Bluetooth




Similar Part No. - HG247103RD-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG247103RD-SM L-COM-HG247103RD-SM Datasheet
299Kb / 3P
2.4 GHz-2.5 GHz / 5.1 GHz-7.1 GHz, 2.5-3.5 dBi WiFi 6e Tilt and Swivel Rubber Duck Antenna - SMA Male Connector
10/08/2020
More results


Similar Description - HG247103RD-RSP

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ES0189 MICRONETICS-ES0189 Datasheet
149Kb / 2P
High Power Switch 2.4 GHz to 2.5 GHz
logo
List of Unclassifed Man...
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
B4844-01 ETC2-B4844-01 Datasheet
751Kb / 8P
Titanis 2.4 GHz Swivel SMA Antenna
2010B5771-01 ETC2-2010B5771-01 Datasheet
787Kb / 10P
Picea 2.4 GHz Swivel Antenna
B6090 ETC2-B6090 Datasheet
751Kb / 8P
Titanis 2.4 GHz Swivel SMA Antenna
logo
Pulse A Technitrol Comp...
W3001 PULSE-W3001 Datasheet
800Kb / 10P
2.4 GHz WiFi Antenna
logo
ATMEL Corporation
T7031 ATMEL-T7031 Datasheet
570Kb / 16P
Frequency Range 2.4 GHz to 2.5 GHz
logo
Broadcom Corporation.
AFEM-S102 BOARDCOM-AFEM-S102 Datasheet
174Kb / 12P
2.5 GHz WiFi/BT FEM
logo
Pulse A Technitrol Comp...
W5029X PULSE-W5029X Datasheet
785Kb / 11P
2.4 2.5 / 5.15 7.125 GHz Stick Antenna
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com