Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG247103RD-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG247103RD-RSP
Description  2.4 GHz-2.5 GHz / 5.1 GHz-7.1 GHz, 2.5- 3.5 dBi WiFi 6e Tilt and Swivel Rubber Duck Antenna - Reverse Polarity SMA (RP-SMA) Male Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG247103RD-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG247103RD-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG247103RD-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG247103RD-RSP Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
If It’s Critical, It’s L-com
1
USA & Canada
+1 (800) 341-5266 | International +1 (978) 682-6936 | L-com.com
© 2023 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
2.4 GHz-2.5 GHz / 5.1 GHz-7.1 GHz, 2.5-
3.5 dBi WiFi 6e Tilt and Swivel Rubber Duck Antenna
- Reverse Polarity SMA (RP-SMA) Male Connector
HG247103RD-RSP
Features
• Tilt and Swivel Design
• 2.4 GHz, 5 GHz, 6 GHz and 7 GHz Bands
• Reverse Polarity SMA (RP-SMA) Male Connector
• 2.5 to 3.5 dBi Gain
Applications
• Infotainment Systems, Routers, WiFi Hotspots, HD Video
Transmission, Gateways, Dash Cameras, Public Transportation
• WiFi 6e (802.11ax) Networks
• Connected Cars or Self-Driving Cars, Fleet Management,
Logistics
• IoT, Cellular, Zigbee, Z-Wave, Bluetooth
Description
The L-com HG247103RD-RSP WiFi 6e Rubber Duck Antenna is a high performance, compact designed for 2.4, 5, 6 and 7 GHz bands. This
tilt and swivel rubber duck antenna is available to ship the same day. It features a Reverse Polarity SMA (RP-SMA) Male Connector. The
HG247103RD-RSP can be used on all consumer radios that have Reverse Polarity SMA connections. This RP-SMA rubber duck is suitable
for WiFi Hotspots (IEEE 802.11ax/ac/n/b/g) as well as IoT, Zigbee and Bluetooth.
The high performance HG247103RD-RSP from L-com provides 3 dBi of gain and broad coverage. This WiFi 6e 2400 to 7125 MHz rubber
duck antenna, as well as our wide selection of superior quality RF parts, ships same day. Contact our knowledgeable and friendly technical
support and sales staff for your answers on antennas or other L-com products.
Configuration
Design
Portable
Band Type
Single
Radiation Pattern
Omni Directional
Wavelength
1/2
Polarization
Vertical
Connector Type
SMA Male Reverse Polarity
Housing Material and Plating
ABS, Black
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
2,400
7,125
MHz
Input VSWR
1.4:1
1.7:1
Impedance
50
Ohms
Gain
2.6
3
Input Power
5
Watts
Mechanical Specifications
Housing Material
ABS
Housing Plating/Color
Black
Size
Environmental Specifications
Temperature
Operating Range
-30 to +65 deg C


Similar Part No. - HG247103RD-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG247103RD-SM L-COM-HG247103RD-SM Datasheet
299Kb / 3P
2.4 GHz-2.5 GHz / 5.1 GHz-7.1 GHz, 2.5-3.5 dBi WiFi 6e Tilt and Swivel Rubber Duck Antenna - SMA Male Connector
10/08/2020
More results

Similar Description - HG247103RD-RSP

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ES0189 MICRONETICS-ES0189 Datasheet
149Kb / 2P
High Power Switch 2.4 GHz to 2.5 GHz
logo
List of Unclassifed Man...
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
B4844-01 ETC2-B4844-01 Datasheet
751Kb / 8P
Titanis 2.4 GHz Swivel SMA Antenna
2010B5771-01 ETC2-2010B5771-01 Datasheet
787Kb / 10P
Picea 2.4 GHz Swivel Antenna
B6090 ETC2-B6090 Datasheet
751Kb / 8P
Titanis 2.4 GHz Swivel SMA Antenna
logo
Pulse A Technitrol Comp...
W3001 PULSE-W3001 Datasheet
800Kb / 10P
2.4 GHz WiFi Antenna
logo
ATMEL Corporation
T7031 ATMEL-T7031 Datasheet
570Kb / 16P
Frequency Range 2.4 GHz to 2.5 GHz
logo
Broadcom Corporation.
AFEM-S102 BOARDCOM-AFEM-S102 Datasheet
174Kb / 12P
2.5 GHz WiFi/BT FEM
logo
Pulse A Technitrol Comp...
W5029X PULSE-W5029X Datasheet
785Kb / 11P
2.4 2.5 / 5.15 7.125 GHz Stick Antenna
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com