Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANRBD1064 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANRBD1064 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANRBD1064
Download  LCANRBD1064 Download
File Size   314.36 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 860 to 875 MHz Permanent Mount Mini Antenna Solder Post

LCANRBD1064 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANRBD1064 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANRBD1064
Download  LCANRBD1064 Click to download

File Size   314.36 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 860 to 875 MHz Permanent Mount Mini Antenna Solder Post

LCANRBD1064 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANRBD1064 Product details

Features
• 860 MHz to 875 MHz
• -0.5 dBi Gain
• Solder Post connector
• Embedded Through Hole
• VSWR 2:1
• Linear polarization

Applications
• LPWAN
• ISM
• LoRaWAN
• Sigfox
• Weightless-P
• WiFi HaLow
• Fixed and Mobile Devices




Similar Part No. - LCANRBD1064

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANRBD1060 L-COM-LCANRBD1060 Datasheet
326Kb / 3P
2.4 to 7.125 GHz Rubber Duck Antenna 4 dBi RP-SMA Male Tilt Swivel
07/05/2024
LCANRBD1061 L-COM-LCANRBD1061 Datasheet
311Kb / 3P
425 to 440 MHz Rubber Duck Antenna SMA Male Mount
06/20/2024
LCANRBD1062 L-COM-LCANRBD1062 Datasheet
314Kb / 3P
915 to 918 MHz Permanent Mount Mini Antenna Solder Post
06/12/2024
LCANRBD1063 L-COM-LCANRBD1063 Datasheet
314Kb / 3P
868 to 915 MHz Rubber Duck Antenna SMA Male Tilt Swivel
07/10/2024
LCANRBD1065 L-COM-LCANRBD1065 Datasheet
312Kb / 3P
420 to 440 MHz Small Rubber Duck Antenna SMA Male Mount
06/14/2024
More results


Similar Description - LCANRBD1064

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0875AS43A1850 JOHANSON-0875AS43A1850 Datasheet
146Kb / 4P
875 MHz SPT4 GSM Antenna Switch Module
logo
World Produts Inc.
WPANT30030-R2A WPI-WPANT30030-R2A Datasheet
81Kb / 2P
860 MHz Cellular band Stubby Antenna
WPANT30030-RA WPI-WPANT30030-RA Datasheet
62Kb / 2P
860 MHz Cellular band Stubby Antenna
logo
List of Unclassifed Man...
TLS.30.105111 ETC2-TLS.30.105111 Datasheet
4Mb / 12P
Permanent Mount External Antenna
logo
Taoglas antenna solutio...
TLS.20.1F11 TAOGLAS-TLS.20.1F11 Datasheet
6Mb / 13P
Permanent Mount External Antenna
TLS.20.1F21 TAOGLAS-TLS.20.1F21 Datasheet
8Mb / 13P
Permanent Mount External Antenna
TLS.20.105111 TAOGLAS-TLS.20.105111 Datasheet
5Mb / 13P
Permanent Mount External Antenna
MA850ALBIC001 TAOGLAS-MA850ALBIC001 Datasheet
3Mb / 48P
MA850 5in1 Permanent Mount Antenna
MA850.A.LBICG.002 TAOGLAS-MA850.A.LBICG.002 Datasheet
3Mb / 49P
MA850 5in1 Permanent Mount Antenna
logo
Tallysman Wireless Inc.
TW3600 TALLYSMAN-TW3600 Datasheet
354Kb / 2P
TW3600 Permanent Mount Iridium짰 Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com