Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANRBD1065 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANRBD1065 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANRBD1065
Download  LCANRBD1065 Download
File Size   312.46 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 420 to 440 MHz Small Rubber Duck Antenna SMA Male Mount

LCANRBD1065 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANRBD1065 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANRBD1065
Download  LCANRBD1065 Click to download

File Size   312.46 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 420 to 440 MHz Small Rubber Duck Antenna SMA Male Mount

LCANRBD1065 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANRBD1065 Product details

Features
• 420 MHz to 440 MHz
• SMA Male connector
• VSWR 2:1
• Linear polarization

Applications
• LPWAN
• ISM
• Weightless-P
• Fixed and Mobile Devices




Similar Part No. - LCANRBD1065

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANRBD1060 L-COM-LCANRBD1060 Datasheet
326Kb / 3P
2.4 to 7.125 GHz Rubber Duck Antenna 4 dBi RP-SMA Male Tilt Swivel
07/05/2024
LCANRBD1061 L-COM-LCANRBD1061 Datasheet
311Kb / 3P
425 to 440 MHz Rubber Duck Antenna SMA Male Mount
06/20/2024
LCANRBD1062 L-COM-LCANRBD1062 Datasheet
314Kb / 3P
915 to 918 MHz Permanent Mount Mini Antenna Solder Post
06/12/2024
LCANRBD1063 L-COM-LCANRBD1063 Datasheet
314Kb / 3P
868 to 915 MHz Rubber Duck Antenna SMA Male Tilt Swivel
07/10/2024
LCANRBD1064 L-COM-LCANRBD1064 Datasheet
314Kb / 3P
860 to 875 MHz Permanent Mount Mini Antenna Solder Post
06/12/2024
More results


Similar Description - LCANRBD1065

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51074 PASTERNACK-PE51074 Datasheet
87Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 2dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51078 PASTERNACK-PE51078 Datasheet
305Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 5dBi
PE51085 PASTERNACK-PE51085 Datasheet
69Kb / 1P
Rubber Duck Antenna 3400-3800 MHz, 5dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
PE51090 PASTERNACK-PE51090 Datasheet
60Kb / 1P
2300 - 2700 MHz Rubber Duck, 4.5dBi, Reverse Polarity SMA Male
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com