Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANRBD1067 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANRBD1067 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANRBD1067
Download  LCANRBD1067 Download
File Size   333.76 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 to 2.5 GHz Rubber Duck Antenna 3 dBi SMA Male Tilt Swivel

LCANRBD1067 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANRBD1067 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANRBD1067
Download  LCANRBD1067 Click to download

File Size   333.76 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 to 2.5 GHz Rubber Duck Antenna 3 dBi SMA Male Tilt Swivel

LCANRBD1067 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANRBD1067 Product details

Features
• 2400 MHz to 2500 MHz
• 3 dBi Gain
• SMA Male connector
• Tilt/Swivel
• VSWR 2:1
• Linear polarization

Applications
• 2.4 GHz ISM
• Bluetooth
• ZigBee
• IEEE 802.11b/g
• IEEE 802.15.4
• Fixed and Mobile Devices




Similar Part No. - LCANRBD1067

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANRBD1060 L-COM-LCANRBD1060 Datasheet
326Kb / 3P
2.4 to 7.125 GHz Rubber Duck Antenna 4 dBi RP-SMA Male Tilt Swivel
07/05/2024
LCANRBD1061 L-COM-LCANRBD1061 Datasheet
311Kb / 3P
425 to 440 MHz Rubber Duck Antenna SMA Male Mount
06/20/2024
LCANRBD1062 L-COM-LCANRBD1062 Datasheet
314Kb / 3P
915 to 918 MHz Permanent Mount Mini Antenna Solder Post
06/12/2024
LCANRBD1063 L-COM-LCANRBD1063 Datasheet
314Kb / 3P
868 to 915 MHz Rubber Duck Antenna SMA Male Tilt Swivel
07/10/2024
LCANRBD1064 L-COM-LCANRBD1064 Datasheet
314Kb / 3P
860 to 875 MHz Permanent Mount Mini Antenna Solder Post
06/12/2024
More results


Similar Description - LCANRBD1067

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51055 PASTERNACK-PE51055 Datasheet
62Kb / 1P
Duck/Whip Antenna 900-960 MHz, 3 dBi
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
logo
List of Unclassifed Man...
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
B4844-01 ETC2-B4844-01 Datasheet
751Kb / 8P
Titanis 2.4 GHz Swivel SMA Antenna
2010B5771-01 ETC2-2010B5771-01 Datasheet
787Kb / 10P
Picea 2.4 GHz Swivel Antenna
B6090 ETC2-B6090 Datasheet
751Kb / 8P
Titanis 2.4 GHz Swivel SMA Antenna
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com