Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO32051A Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO32051A Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO32051A
Download  DIO32051A Download
File Size   852.41 Kbytes
Page   9 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 0.5 MHz, 24 μA, High Performance CMOS Amplifier

DIO32051A Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO32051A Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO32051A
Download  DIO32051A Click to download

File Size   852.41 Kbytes
Page   9 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 0.5 MHz, 24 μA, High Performance CMOS Amplifier

DIO32051A Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO32051A Product details

Features
 Max offset (VOS): DIO32051A at ±3mV
 Unity gain stable
 Gain bandwidth product: 0.5 MHz
 Wide supply range: 1.8 V to 5.5 V
 Input voltage range: 0 V to 5 V
 Ultra low power: 24 μA
 Compact package best for portable
applications
DIO32051A: DFN0.8*0.8-4
Applications
 ASIC input or output amplifiers
 Sensor interfaces
 Audio output
 Portable systems
 Notebook PCs
 Battery-powered equipment
Descriptions
The DIO32051A is a high performance CMOS
operational amplifier with ultra low offset. Features
include wide input common-mode voltage range
and broad output voltage swing with operating
supply voltage from 1.8 V to 5.5 V. Product is fully
specified over the extended –40 to +125°C
temperature range.
The DIO32051A provides 0.5 MHz bandwidth
consuming an ultra-low current of 24 μA. Featuring
very low input bias current. It is ideal for
integrators and photodiode amplifiers.




Similar Part No. - DIO32051A

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO32051ASC5 DIOO-DIO32051ASC5 Datasheet
2Mb / 14P
0.5 MHz, 24 μA, Rail-to-Rail I/O CMOS Amplifier
Rev 1.6
DIO32051AST5 DIOO-DIO32051AST5 Datasheet
2Mb / 14P
0.5 MHz, 24 μA, Rail-to-Rail I/O CMOS Amplifier
Rev 1.6
More results


Similar Description - DIO32051A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8014 AD-AD8014 Datasheet
149Kb / 10P
400 MHz Low Power High Performance Amplifier
REV.B
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274_08 Datasheet
158Kb / 14P
High performance CMOS quad operational amplifier
01-Feb-2008
logo
NXP Semiconductors
BGA7027 NXP-BGA7027 Datasheet
570Kb / 19P
400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 1-11 August 2010
BGA7127 NXP-BGA7127 Datasheet
302Kb / 24P
400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 01-26 July 2010
logo
Analog Devices
AD8014ARZ AD-AD8014ARZ Datasheet
1Mb / 11P
400 MHz Low Power High Performance Amplifier
REV. C
logo
Transcom, Inc.
TA005-025-10-24 TRANSCOM-TA005-025-10-24 Datasheet
39Kb / 1P
0.5 - 2.5 GHz 24 dBm Amplifier
TA005-025-23-24 TRANSCOM-TA005-025-23-24 Datasheet
39Kb / 1P
0.5 - 2.5 GHz 24 dBm Amplifier
logo
Analog Devices
AD8014 AD-AD8014_15 Datasheet
1Mb / 11P
400 MHz Low Power High Performance Amplifier
REV. C
logo
Microchip Technology
MCP6L71 MICROCHIP-MCP6L71_V01 Datasheet
934Kb / 40P
2 MHz, 150 μA Op Amps
Revision B October 2019
logo
Analog Devices
ADA4661-2-KGD AD-ADA4661-2-KGD Datasheet
260Kb / 11P
18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com