Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50027PI Datasheet (PDF) - Philex Electronic Ltd.

50027PI Datasheet PDF - Philex Electronic Ltd.
Part # 50027PI
Download  50027PI Download
File Size   539.73 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 3M RJ45 Cat7 Ethernet Patch Lead

50027PI Datasheet (PDF)

Go To PDF Page Download Datasheet
50027PI Datasheet PDF - Philex Electronic Ltd.

Part # 50027PI
Download  50027PI Click to download

File Size   539.73 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 3M RJ45 Cat7 Ethernet Patch Lead

50027PI Datasheet (HTML) - Philex Electronic Ltd.


50027PI Product details

Features
• RJ45 patch leads cater to increasing bandwidths and speeds.
• Cat7 cable with a larger copper cross-section than lower specifications.
• Allows transmission of more power, with less voltage drop.
• Available lengths: 0.5m, 1m, 3m, 5m, 10m, 15m, 20m.
• White cable, offering a clean and professional look.
• Ideal for high-speed network applications in homes and offices.




Similar Part No. - 50027PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
50027 ETC2-50027 Datasheet
257Kb / 1P
Wiha Soft Grip Wrenches
More results


Similar Description - 50027PI

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3R108 3M-3R108 Datasheet
1Mb / 2P
3M Industrial RJ45 Modular Plug
Dec-2005
logo
Tripp Lite. All Rights ...
N050012 TRIPPLITE-N050012 Datasheet
495Kb / 2P
12-Port Wall-Mount Cat5e Patch Panel, 568B, RJ45 Ethernet
N052024 TRIPPLITE-N052024 Datasheet
478Kb / 2P
24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N052048 TRIPPLITE-N052048 Datasheet
493Kb / 2P
48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N054024 TRIPPLITE-N054024 Datasheet
477Kb / 2P
24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet
N050-012 TRIPPLITE-N050-012 Datasheet
159Kb / 2P
12-Port Wall-Mount Cat5e Patch Panel, 568B, RJ45 Ethernet, TAA
N254-024-6A TRIPPLITE-N254-024-6A Datasheet
160Kb / 2P
24-Port 1U Rack-Mount Cat6a Feedthrough Patch Panel, RJ45 Ethernet
logo
Schneider Electric
XGSZ12E4503 SCHNEIDER-XGSZ12E4503 Datasheet
78Kb / 3P
OsiSense XG cable M12 D coded to RJ45 - Ethernet - 3m
Jan 7, 2021
XGSZ22E4503 SCHNEIDER-XGSZ22E4503 Datasheet
79Kb / 3P
Jumper Ethernet M12/RJ45 straight/elbowed shielded 3m
Jan 7, 2021
logo
PHOENIX CONTACT
2901646 PHOENIX-2901646 Datasheet
854Kb / 21P
Patch panels - FL-PP-RJ45/RJ45
Dec 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com