Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO58013A Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO58013A Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO58013A
Download  DIO58013A Download
File Size   1331.18 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 50~1000mA, Single Cell Charger

DIO58013A Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO58013A Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO58013A
Download  DIO58013A Click to download

File Size   1331.18 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 50~1000mA, Single Cell Charger

DIO58013A Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO58013A Product details

Features
 Broad Programmable Charging Current:
50~1000mA
 Over-Temperature Protection
 Under Voltage Lockout Protection
 Reverse current protection between BAT and
GND pins
 Programmable Charge Termination Current
 Maximum Voltage Power Input: 36V
 Automatic Recharge Threshold: 4.05V
 Final Float Voltage: 4.2V
 Charge Status Output Pin
 Trickle Charge Threshold: 2.5V
 Soft-Start Limits Inrush Current
 Over Voltage Lockout Protection
 Package: DFN3*3-10
Descriptions
The DIO58013A is a complete constant-current /
constant voltage linear charger for single cell
Lithium-Ion batteries. No external sense resistor is
needed, and no blocking diode is required due to
the internal MOSFET architecture. Thermal
feedback regulates the charge current to limit the
die temperature during high power operation or
high ambient temperature. The charge voltage is
fixed at 4.2V, the charge current and the terminal
current can be programmed externally with
resistors. The input voltage is up to 36V.
When the input supply (wall adapter or USB
supply) is removed, the DIO58013A automatically
enters a low current state, dropping the battery
drain current to less than 1.0μA.
The DIO58013A is available in package with
DFN3*3-10. Standard product is Pb-Free.
Applications
 Wireless phone
 MP3/MP4 Player
 Bluetooth device




Similar Part No. - DIO58013A

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO58013-B DIOO-DIO58013-B Datasheet
1Mb / 15P
50~1000mA, Single Cell Charger
Rev 1.9
DIO58013BCD10 DIOO-DIO58013BCD10 Datasheet
1Mb / 15P
50~1000mA, Single Cell Charger
Rev 1.9
DIO58013CD10 DIOO-DIO58013CD10 Datasheet
1Mb / 15P
50~1000mA, Single Cell Charger
Rev 1.9
More results


Similar Description - DIO58013A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
logo
Texas Instruments
BQ25898C TI1-BQ25898C Datasheet
343Kb / 11P
Controlled Single Cell 3-A Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
logo
Intersil Corporation
ISL78693 INTERSIL-ISL78693 Datasheet
626Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
December 12, 2016
logo
Renesas Technology Corp
ISL78693 RENESAS-ISL78693 Datasheet
966Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
logo
Will Semiconductor Ltd.
WS4508S WILLSEMI-WS4508S Datasheet
393Kb / 13P
1000mA, Single Li-ion Battery Charger
logo
Maxim Integrated Produc...
MAX77975EVKIT MAXIM-MAX77975EVKIT Datasheet
5Mb / 32P
High-Efficiency Single-Cell Switching Charger
319-100597; Rev 1; 11/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com