Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO58013CD10 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO58013CD10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO58013CD10
Download  DIO58013CD10 Download
File Size   1066.85 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 50~1000mA, Single Cell Charger

DIO58013CD10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO58013CD10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO58013CD10
Download  DIO58013CD10 Click to download

File Size   1066.85 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 50~1000mA, Single Cell Charger

DIO58013CD10 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO58013CD10 Product details

Features
 Broad Programmable Charging Current:
50~1000mA
 Over-Temperature Protection
 Under Voltage Lockout Protection
 Reverse current protection between BAT and
GND pins
 Programmable Charge Termination Current
 Maximum Voltage Power Input: 36V
 Automatic Recharge Threshold:
DIO58013: 4.05V
DIO58013B: 4.2V
 Final Float Voltage:
DIO58013: 4.2V
DIO58013B: 4.35V
 Charge Status Output Pin
 Trickle Charge Threshold:
DIO58013: 2.5V
DIO58013B: 2.6V
 Soft-Start Limits Inrush Current
 Over Voltage Lockout Protection
 Package: DFN3*3-10
Descriptions
The DIO58013/B is a complete constant-current /
constant voltage linear charger for single cell
Lithium-Ion batteries. No external sense resistor
is needed, and no blocking diode is required due
to the internal MOSFET architecture. Thermal
feedback regulates the charge current to limit the
die temperature during high power operation or
high ambient temperature. The charge voltage is
fixed at 4.2V for DIO58013 and 4.35V for
DIO58011B, and the charge current and the
terminal current can be programmed externally
with resistors. The input voltage is up to 36V.
When the input supply (wall adapter or USB
supply) is removed, the DIO58013/B automatically
enters a low current state, dropping the battery
drain current to less than 1.0μA.
The DIO58013/B is available in a small package
with DFN3*3-10. Standard product is Pb-Free.
Applications
 Wireless phone
 MP3/MP4 Player
 Bluetooth device




Similar Part No. - DIO58013CD10

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO58013A DIOO-DIO58013A Datasheet
1Mb / 15P
50~1000mA, Single Cell Charger
Rev 1.2
DIO58013ACD10 DIOO-DIO58013ACD10 Datasheet
1Mb / 15P
50~1000mA, Single Cell Charger
Rev 1.2
More results


Similar Description - DIO58013CD10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
logo
Texas Instruments
BQ25898C TI1-BQ25898C Datasheet
343Kb / 11P
Controlled Single Cell 3-A Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
logo
Intersil Corporation
ISL78693 INTERSIL-ISL78693 Datasheet
626Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
December 12, 2016
logo
Renesas Technology Corp
ISL78693 RENESAS-ISL78693 Datasheet
966Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
logo
Will Semiconductor Ltd.
WS4508S WILLSEMI-WS4508S Datasheet
393Kb / 13P
1000mA, Single Li-ion Battery Charger
logo
Maxim Integrated Produc...
MAX77975EVKIT MAXIM-MAX77975EVKIT Datasheet
5Mb / 32P
High-Efficiency Single-Cell Switching Charger
319-100597; Rev 1; 11/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com