Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO58013CD10 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO58013CD10
Description  50~1000mA, Single Cell Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO58013CD10 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO58013CD10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO58013CD10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DIO58013/B
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO58013/B• Rev.1.9
Pin Assignment
DFN3*3-10
Figure 1. Top View
Pin Descriptions
Name
Description
VIN
Power Supply.
The absolute maximum input voltage is 36V.
CHGb
Open-Drain Charge Status Output. This pin is low during charging.
ACOKb
Open-Drain Power Presence Indication. This pin is low if the voltage at the VIN pin is between
UVP and OVP.
/EN
Charger IC Enable. Drive to high to disable the charger. When this pin is driven to low or
left floating, the charger is enabled. This pin has an internal 2MΩ pull-down resistor.
TEMP
Temperature sense Input. Connecting TEMP pin to NTC thermistor’s output in Lithium ion
battery pack. If TEMP pin’s voltage is below 6% or above 40% of supply voltage VIN, this
means that battery’s temperature is too high or too low, charging is suspended. If TEMP’s
voltage level is between 6% and 40% of supply voltage, charging will resume. The
temperature sense function can be disabled by fixed value (0.5V~1.8V) the TEMP pin.
GND
Ground.
NC
No Connect.
IBF
Terminal Current Programming Pin. This pin to an external resistor to program the charge
termination current. See
Programming Charge termination
.
ISET
Charge current setting, charge current monitor and shutdown pin. The charging current is
given by IISET= (1/RISET)*1000. The chip will be shutdown when ISET pin floating.
BAT
Charge Current Output. Provides charge current to the battery an regulates the final float
voltage to 4.2V/4.35V.
GND(Exposed Pad)
This pin must be connected to GND, and punch to the main GND to facilitate heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com