Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO60120ST6 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO60120ST6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO60120ST6
Download  DIO60120ST6 Download
File Size   1950.37 Kbytes
Page   22 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter

DIO60120ST6 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO60120ST6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO60120ST6
Download  DIO60120ST6 Click to download

File Size   1950.37 Kbytes
Page   22 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter

DIO60120ST6 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO60120ST6 Product details

 Features
 Low RDS(ON) for internal switches (top / bottom)
100 mΩ / 80 mΩ, 2.0 A
 2.5 V ~ 5.5 V input voltage range
 15 μA typical quiescent current
 High switching frequency 1 MHz minimizes the
external components
 100% dropout operation
 Output discharge function
 Power-good output
 Fixed frequency COT architecture achieve ultra
fast transient response
 Internal soft start limits the inrush current
 Operating temperature range: -40°C to 85°C
 Applications
 Portable navigation devices
 Set top boxes
 USB dongle
 Media players
 Smart phones
 Description
The DIO60120 is a high-efficiency synchronous
step-down DC-DC regulator. The DIO60120 can
achieve up to 2 A continuous output current from a
2.5 V to 5.5 V input voltage with excellent load and
line regulation. The output voltage can be regulated
to as low as 0.6 V.
Constant-on-time control provides a fast transient
response and eases loop stabilization. The
DIO60120 includes an automatically entered power
save mode to maintain high efficiency down to very
light loads for extending the system battery run-time.
The DIO60120 is ideal for a wide range of
applications, including portable navigation devices,
set top boxes and media players.




Similar Part No. - DIO60120ST6

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6012 DIOO-DIO6012 Datasheet
1Mb / 13P
High-Efficiency 1 MHz, 2 A Output Synchronous Step Down Converter
Rev 2.0
DIO6012B DIOO-DIO6012B Datasheet
1Mb / 15P
High-Efficiency 1MHz, 2A Continuous, 3A Peak, OutputSynchronous Step Down Converter
Rev 1.4
DIO6012BCN8 DIOO-DIO6012BCN8 Datasheet
1Mb / 15P
High-Efficiency 1MHz, 2A Continuous, 3A Peak, OutputSynchronous Step Down Converter
Rev 1.4
DIO6012BCST5 DIOO-DIO6012BCST5 Datasheet
1Mb / 15P
High-Efficiency 1MHz, 2A Continuous, 3A Peak, OutputSynchronous Step Down Converter
Rev 1.4
DIO6012BCST6 DIOO-DIO6012BCST6 Datasheet
1Mb / 15P
High-Efficiency 1MHz, 2A Continuous, 3A Peak, OutputSynchronous Step Down Converter
Rev 1.4
More results


Similar Description - DIO60120ST6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
15-A Synchronous Step-Down SWIFT Converter
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP2145 MPS-MP2145 Datasheet
1Mb / 19P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2147 MPS-MP2147 Datasheet
712Kb / 19P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2326 MPS-MP2326 Datasheet
1Mb / 25P
19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
MP2316 MPS-MP2316 Datasheet
1Mb / 25P
19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
MP2321 MPS-MP2321 Datasheet
4Mb / 24P
19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
EV2145-D-00A MPS-EV2145-D-00A Datasheet
552Kb / 8P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2147-D-00A MPS-EV2147-D-00A Datasheet
496Kb / 8P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
logo
List of Unclassifed Man...
DIO6011 ETC1-DIO6011 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com