Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO6012BCST5 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO6012BCST5 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO6012BCST5
Download  DIO6012BCST5 Download
File Size   1822.28 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 1MHz, 2A Continuous, 3A Peak, OutputSynchronous Step Down Converter

DIO6012BCST5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO6012BCST5 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO6012BCST5
Download  DIO6012BCST5 Click to download

File Size   1822.28 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 1MHz, 2A Continuous, 3A Peak, OutputSynchronous Step Down Converter

DIO6012BCST5 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO6012BCST5 Product details

Features
 2.7-5.5V input voltage range
 2A continuous, 3A peak load current
 Low RDS(ON) for internal switches (top/bottom)
100mΩ/80mΩ
 High switching frequency minimizes the
external components
 Internal soft-start limits the inrush current
 100% dropout operation
 Green package:
SOT23-5, SOT23-6, DFN2*2-8
 Other packages are available upon requests
 No latch off output voltage protection
Applications
 LCD TV
 Set Top Box
 Net PC
 Mini-Notebook PC
 Access Point Router
Descriptions
The DIO6012B is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 3A Peak load current.
The DIO6012B family operate over a wide input
voltage range from 2.7V to 5.5V and integrate
main switch and synchronous switch with very
low RDS(ON) to minimize the conduction loss.
Low output voltage ripple and small external
inductor and capacitor sizes are achieved with
greater than 1MHz switching frequency.




Similar Part No. - DIO6012BCST5

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6012 DIOO-DIO6012 Datasheet
1Mb / 13P
High-Efficiency 1 MHz, 2 A Output Synchronous Step Down Converter
Rev 2.0
DIO60120 DIOO-DIO60120 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
DIO60120CD10 DIOO-DIO60120CD10 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
DIO60120CN8 DIOO-DIO60120CN8 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
DIO60120CS8 DIOO-DIO60120CS8 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
More results


Similar Description - DIO6012BCST5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8058 RICHTEK-RT8058 Datasheet
237Kb / 15P
1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1470H MPS-MP1470H Datasheet
807Kb / 19P
High-Efficiency, 2A, 16V, 1MHz Synchronous, Step-Down Converter
logo
Silergy Corp.
SY8003 SILERGY-SY8003 Datasheet
858Kb / 10P
High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
logo
Will Semiconductor Ltd.
WD1039EB WILLSEMI-WD1039EB Datasheet
1Mb / 10P
High Efficiency 2A continuous, 2.5A peak, 1MHz Synchronous Step Down Regulator
logo
Fitipower Integrated Te...
FP6361 FITIPOWER-FP6361 Datasheet
586Kb / 9P
1MHz, 2A, High-Efficiency PWM Synchronous Step-Down Converter
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
logo
Richtek Technology Corp...
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
June 2019
logo
Unisonic Technologies
UD052012 UTC-UD052012 Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com