Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO6012BCST5 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6012BCST5
Description  High-Efficiency 1MHz, 2A Continuous, 3A Peak, OutputSynchronous Step Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6012BCST5 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6012BCST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6012BCST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6012BCST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6012BCST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6012BCST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6012BCST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6012BCST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6012BCST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6012BCST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev 1.4
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO6012B• Rev.1.4
DIO6012B
High-Efficiency 1MHz, 2A Continuous, 3A Peak, Output
Synchronous Step Down Converter
Features
2.7-5.5V input voltage range
2A continuous, 3A peak load current
Low RDS(ON) for internal switches (top/bottom)
100mΩ/80mΩ
High switching frequency minimizes the
external components
Internal soft-start limits the inrush current
100% dropout operation
Green package:
SOT23-5, SOT23-6, DFN2*2-8
Other packages are available upon requests
No latch off output voltage protection
Applications
LCD TV
Set Top Box
Net PC
Mini-Notebook PC
Access Point Router
Descriptions
The DIO6012B is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 3A Peak load current.
The DIO6012B family operate over a wide input
voltage range from 2.7V to 5.5V and integrate
main switch and synchronous switch with very
low RDS(ON) to minimize the conduction loss.
Low output voltage ripple and small external
inductor and capacitor sizes are achieved with
greater than 1MHz switching frequency.
Function Block
Ordering Information
Order Part Number
Top Marking
TA
Package
DIO6012BCST5
CYWB
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
DIO6012BCST6
CYWC
Green
-40 to 85°C
SOT23-6
Tape & Reel, 3000
DIO6012BCN8
6012
Green
-40 to 85°C
DFN2*2-8
Tape & Reel, 3000
Marking Definition


Similar Part No. - DIO6012BCST5

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6012 DIOO-DIO6012 Datasheet
1Mb / 13P
High-Efficiency 1 MHz, 2 A Output Synchronous Step Down Converter
Rev 2.0
DIO60120 DIOO-DIO60120 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
DIO60120CD10 DIOO-DIO60120CD10 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
DIO60120CN8 DIOO-DIO60120CN8 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
DIO60120CS8 DIOO-DIO60120CS8 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
More results

Similar Description - DIO6012BCST5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8058 RICHTEK-RT8058 Datasheet
237Kb / 15P
1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1470H MPS-MP1470H Datasheet
807Kb / 19P
High-Efficiency, 2A, 16V, 1MHz Synchronous, Step-Down Converter
logo
Silergy Corp.
SY8003 SILERGY-SY8003 Datasheet
858Kb / 10P
High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
logo
Will Semiconductor Ltd.
WD1039EB WILLSEMI-WD1039EB Datasheet
1Mb / 10P
High Efficiency 2A continuous, 2.5A peak, 1MHz Synchronous Step Down Regulator
logo
Fitipower Integrated Te...
FP6361 FITIPOWER-FP6361 Datasheet
586Kb / 9P
1MHz, 2A, High-Efficiency PWM Synchronous Step-Down Converter
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
logo
Richtek Technology Corp...
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
June 2019
logo
Unisonic Technologies
UD052012 UTC-UD052012 Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com