Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8058 Datasheet (PDF) - Richtek Technology Corporation

RT8058 Datasheet PDF - Richtek Technology Corporation
Part # RT8058
Download  RT8058 Download
File Size   237.2 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter

RT8058 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8058 Datasheet PDF - Richtek Technology Corporation

Part # RT8058
Download  RT8058 Click to download

File Size   237.2 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter

RT8058 Datasheet (HTML) - Richtek Technology Corporation


RT8058 Product details

General Description
The RT8058 is a current mode PWM step-down converter. The chip is ideal for fixed frequency and low ripple applications over full range of load conditions. Its input voltage range is from 2.6V to 5.5V with a constant 1MHz switching frequency that allows it to adopt tiny, low cost capacitors and inductors with 2mm or less in height making it ideal for single-cell Li-lon/polymer battery applications.

Features
● 0.6V Reference Allows Low Output Voltage
● Low Dropout Operation : 100% Duty Cycle
● 2A Load Current
● < 2uA Shutdown Current
● Up to 95%Efficiency
● No Schottky Diode Required
● 1MHZ Constant Switching Frequency
● Low RDS(ON) Internal Switches
● Internally Compensated
● Internal Soft-Start
● Over temperature Protection
● Short Circuit Protection
● Small 16-Lead WQFN Package
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● Portable Instruments
● Microprocessors and DSP Core supplies
● Cellular Telephones
● Wireless and DSL Modems
● Digital Cameras
● PC Cards




Similar Part No. - RT8058

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8058A RICHTEK-RT8058A Datasheet
285Kb / 14P
1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
RT8058AGQW RICHTEK-RT8058AGQW Datasheet
285Kb / 14P
1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
More results


Similar Description - RT8058

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8058A RICHTEK-RT8058A Datasheet
285Kb / 14P
1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
Unisonic Technologies
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Fitipower Integrated Te...
FP6361 FITIPOWER-FP6361 Datasheet
586Kb / 9P
1MHz, 2A, High-Efficiency PWM Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com