Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8058A Datasheet (PDF) - Richtek Technology Corporation

RT8058A Datasheet PDF - Richtek Technology Corporation
Part # RT8058A
Download  RT8058A Download
File Size   285.88 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter

RT8058A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8058A Datasheet PDF - Richtek Technology Corporation

Part # RT8058A
Download  RT8058A Click to download

File Size   285.88 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter

RT8058A Datasheet (HTML) - Richtek Technology Corporation


RT8058A Product details

General Description
The RT8058A is a current mode PWM step-down converter. The chip is ideal for fixed frequency and low ripple applications over full range of load conditions. Its input voltage range is from 2.6V to 5.5V with a constant 1.2MHz switching frequency that allows it to adopt tiny, low cost capacitors and inductors with 2mm or less in height making it ideal for single-cell Li-lon/polymer battery applications.

Features
● 0.6V Reference Allows Low Output Voltage
● Low Dropout Operation : 100% Duty Cycle
● 2A Load Current
● <2μA Shutdown Current
● Up to 95% Efficiency
● No Schottky Diode Required
● 1.2MHz Constant Switching Frequency
● Low RDS(ON) Internal Switches
● Internally Compensated
● Internal Soft-Start
● Over temperature Protection
● Short Circuit Protection
● Small 10-Lead WDFN Package
● RoHS Compliant and Halogen Free

Applications
● Portable Instruments
● Microprocessors and DSP Core supplies
● Cellular Telephones
● Wireless and DSL Modems
● Digital Cameras
● PC Cards




Similar Part No. - RT8058A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8058 RICHTEK-RT8058 Datasheet
237Kb / 15P
1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
RT8058GQW RICHTEK-RT8058GQW Datasheet
237Kb / 15P
1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
RT8058PQW RICHTEK-RT8058PQW Datasheet
237Kb / 15P
1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
More results


Similar Description - RT8058A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Richtek Technology Corp...
RT8058 RICHTEK-RT8058 Datasheet
237Kb / 15P
1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
logo
SHANGHAI BELLING CO., L...
BL8042B BELLING-BL8042B Datasheet
818Kb / 6P
High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter
logo
Unisonic Technologies
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Fitipower Integrated Te...
FR9886A FITIPOWER-FR9886A Datasheet
654Kb / 13P
21V, 2A, 1.2MHz Synchronous Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com