Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1113-BQFR Datasheet (PDF) - ams-OSRAM AG

AS1113-BQFR Datasheet PDF - ams-OSRAM AG
Part # AS1113-BQFR
Download  AS1113-BQFR Download
File Size   1733.32 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 50mA, 16-Channel LED Driver with Diagnostics

AS1113-BQFR Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1113-BQFR Datasheet PDF - ams-OSRAM AG

Part # AS1113-BQFR
Download  AS1113-BQFR Click to download

File Size   1733.32 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 50mA, 16-Channel LED Driver with Diagnostics

AS1113-BQFR Datasheet (HTML) - ams-OSRAM AG


AS1113-BQFR Product details

1 General Description
The AS1113 is designed to drive up to 16 LEDs through
a fast serial interface and features 16 output constant
current drivers and an on-chip diagnostic read-back
function.
The high clock-frequency (up to 50MHz), adjustable output
current, and flexible serial interface makes the
device perfectly suited for high-volume transmission
applications.
Output current is adjustable (up to 50mA/channel) using
an external resistor (REXT).
The serial interface with Schmitt trigger inputs includes
an integrated shift register. Additionally, an internal data
register stores the currently displayed data.
The device features integrated diagnostics for overtemperature,
open-LED, and shorted-LED conditions.
Integrated registers store global fault status information
during load as well as the detailed temperature/open-
LED/shorted-LED diagnostics results.
The AS1113 also features a low-current diagnostic
mode to minimize display flicker during fault testing.
The AS1113 is available in a 24-pin SSOP and the 28-
pin QFN (5x5mm) package.
If a higher output current is needed, please see the
AS1110 with 100mA drive capability.
2 Key Features
! 16 Constant-Current Output Channels
! Excellent Output Current Accuracy
- Between Channels: <±3%
- Between Devices: <±6%
! Output Current Per Channel: 0.5 to 50mA
! Controlled In-Rush Current
! Over-Temperature, Open-LED, Shorted-LED
Diagnostic Functions
! Low-Current Test Mode
! Global Fault Monitoring
! Low Shutdown Mode Current: 10μA
! Fast Serial Interface: 50MHz
! Cascaded Configuration
! Extremely Fast Output Drivers Suitable for PWM
! 24-pin SSOP and 28-pin QFN (5x5mm) Package
3 Applications
The device is ideal for fixed- or slow-rolling displays
using static or multiplexed LED matrix and dimming
functions, large LED matrix displays, mixed LED display
and switch monitoring, displays in elevators, public
transports (underground, trains, buses, taxis, airplanes,
etc.), large displays in stadiums and public areas, price
indicators in retail stores, promotional panels, bar-graph
displays, industrial controller displays, white good panels,
emergency light indicators, and traffic signs.




Similar Part No. - AS1113-BQFR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1113-BQFR AMSCO-AS1113-BQFR Datasheet
921Kb / 24P
50mA, 16-Channel LED Driver with Diagnostics
AS1113-BQFR AMSCO-AS1113-BQFR Datasheet
996Kb / 24P
50mA, 16-Channel LED Driver with Diagnostics
AS1113-BQFR AMSCO-AS1113-BQFR Datasheet
3Mb / 25P
50mA, 16-Channel LED Driver with Diagnostics
More results


Similar Description - AS1113-BQFR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113 Datasheet
921Kb / 24P
50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
16-Channel 횞 50mA LED Driver
logo
ams AG
AS1110 AMSCO-AS1110_1 Datasheet
1,004Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
16-Channel 50mA LED Driver with Buck Controller
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
16-Channel 50mA LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com