Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710A-ASCT Datasheet (PDF) - ams-OSRAM AG

AS1710A-ASCT Datasheet PDF - ams-OSRAM AG
Part # AS1710A-ASCT
Download  AS1710A-ASCT Download
File Size   1355.29 Kbytes
Page   21 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown

AS1710A-ASCT Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1710A-ASCT Datasheet PDF - ams-OSRAM AG

Part # AS1710A-ASCT
Download  AS1710A-ASCT Click to download

File Size   1355.29 Kbytes
Page   21 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown

AS1710A-ASCT Datasheet (HTML) - ams-OSRAM AG


AS1710A-ASCT Product details

1 General Description
The AS1710/AS1712 are low-offset, high-output CMOS op-amps
that deliver 200mA of peak output current from a single supply (2.7V
to 5.5V).
These devices were specifically designed to drive typical headset
levels (32), as well as bias RF power amplifiers for wireless
handset applications.
2 Key Features
Constant Output Drive Capability: 50mA
Rail-to-Rail Input and Output
Supply Current: 1.6mA
Single-Supply Operation: 2.7V to 5.5V
Gain-Bandwidth Product: 10MHz
High Slew Rate: 10V/μs
Voltage Gain: 100dB (RLOAD = 100k)
Power-Supply Rejection Ratio: -85dB
No Phase Reversal for Overdriven Inputs
Unity-Gain Stable for Capacitive Loads: Up to 100pF
Shutdown Mode (AS1710A) Current: 1nA typ
Package Types:
- SC70-6
- SC70-5
- TQFN-16 (3x3mm)
3 Applications
The devices are ideal for portable/battery-powered audio
applications, portable headphone speaker drivers (32), hands-free
mobile phone kits, TFT panels, sound ports/cards, set-top boxes,
biasing controls, DAC converter buffers, transformer/line drivers,
motor drivers, and any other battery-operated audio device.




Similar Part No. - AS1710A-ASCT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1710A-ASCT AMSCO-AS1710A-ASCT Datasheet
750Kb / 17P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710A-ASCT AMSCO-AS1710A-ASCT Datasheet
747Kb / 17P
High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
AS1710A-ASCT AMSCO-AS1710A-ASCT Datasheet
1Mb / 20P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
More results


Similar Description - AS1710A-ASCT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
logo
ams AG
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_08 Datasheet
715Kb / 26P
High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4230_1110 MAXIM-MAX4230_1110 Datasheet
895Kb / 28P
High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
logo
ams AG
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4232AUA-T MAXIM-MAX4232AUA-T Datasheet
1Mb / 28P
High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com