Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710A-ASCT Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS1710A-ASCT
Description  High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1710A-ASCT Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS1710A-ASCT Datasheet HTML 6Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 7Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 8Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 9Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 10Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 11Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 12Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 13Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1710_12
Revision 1.9
8 - 19
AS1710/AS1712
Datasheet - Ty pical Operating Characteristics
Figure 13. Output Swing High vs. Temperature
Figure 14. Output Swing Low vs. Temperature
Figure 15. Transient Response, 100mV, 10pF load
Figure 16. Transient Response, 100mV, 100pF load
Figure 17. Transient Response, 1V, 10pF load
Figure 18. Transient Response, 1V, 100pF load
40
50
60
70
80
90
100
-45
-20
5
30
55
80
105
130
Temperature (°C)
40
50
60
70
80
90
100
-45
-20
5
30
55
80
105
130
Temperature (°C)
10mA
200
10mA
200
500ns/Div
500ns/Div
500ns/Div
500ns/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com