Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710A-ASCT Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS1710A-ASCT
Description  High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1710A-ASCT Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS1710A-ASCT Datasheet HTML 11Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 12Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 13Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 14Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 15Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 16Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 17Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 18Page - ams-OSRAM AG AS1710A-ASCT Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1710_12
Revision 1.9
13 - 19
AS1710/AS1712
Datasheet - Application In form atio n
8.6 Driving Capacitive Loads
The AS1710/AS1712 amplifiers have a high tolerance for capacitive loads, and are stable with capacitive loads up to 100pF.
Figure 26 shows a typical non-inverting capacitive-load driving circuit in the unity-gain configuration.
Figure 26. Capacitive-Load Driving Circuit
Note:
Resistor RISO improves the circuit’s phase margin by isolating the load capacitor from the AS1710/AS1712 output.
8.7 Power-Up
The AS1710/AS1712 typically settle within 5µs after power-up.
8.8 Shutdown
When SHDNN (not included in B versions) is pulled low, supply current drops to 0.5µA (per amplifier, VDD = 2.7V), the amplifiers are disabled,
and their outputs are driven to VSS. Because the outputs are actively driven to VSS in shutdown, any pull-up resistor on the output causes a
current drain from the supply.
Note:
Pulling SHDNN high enables the amplifier. In the AS1712 the amplifiers shutdown in pairs.
When exiting shutdown, there is a 6µs delay before the amplifier output becomes active.
8.9 Power Supplies and Layout
The AS1710/AS1712 can operate from a single 2.7 to 5.5V supply or from dual ±1.35 to ±2.5V supplies. Good design improves device
performance by decreasing the amount of stray capacitance at the op-amp inputs/outputs.

For single-supply operation, bypass the power supply with a 0.1µF ceramic capacitor.

For dual-supply operation, bypass each supply to ground.

Decrease stray capacitance by placing external components close to the op-amp pins, minimizing trace and lead lengths.
RISO
–
+
AS1710
CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com