Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT10 Datasheet (PDF) - STMicroelectronics

M74HCT10 Datasheet PDF - STMicroelectronics
Part # M74HCT10
Download  M74HCT10 Download
File Size   173.0 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE 3-INPUT NAND GATE

M74HCT10 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT10 Datasheet PDF - STMicroelectronics

Part # M74HCT10
Download  M74HCT10 Click to download

File Size   173.0 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE 3-INPUT NAND GATE

M74HCT10 Datasheet (HTML) - STMicroelectronics


M74HCT10 Product details

DESCRIPTION
The M74HCT10 is an high speed CMOS TRIPLE 3-INPUT NAND GATE fabricated with silicon gate C2MOS technology.
The internal circuit is composed of 3 stages including buffer output, which enables high noise immunity and stable output.
The M74HCT10 is designed to directly interface HSC2MOS systems with TTL and NMOS components.
All inputs are equipped with protection circuits against static discharge and transient excess voltage.

■ HIGH SPEED: tPD = 14ns (TYP.) at VCC = 4.5V
■ LOW POWER DISSIPATION: ICC = 1µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS : VIH = 2V (MIN.) VIL = 0.8V (MAX)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 10




Similar Part No. - M74HCT10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT10 STMICROELECTRONICS-M74HCT10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Feb-1993
M74HCT10B1R STMICROELECTRONICS-M74HCT10B1R Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Feb-1993
M74HCT10C1R STMICROELECTRONICS-M74HCT10C1R Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Feb-1993
M74HCT10M1R STMICROELECTRONICS-M74HCT10M1R Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Feb-1993
More results


Similar Description - M74HCT10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F10DM NSC-54F10DM Datasheet
140Kb / 6P
Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
Triple 3-input NAND gate
1989 Sep 20
logo
STMicroelectronics
M54HC10 STMICROELECTRONICS-M54HC10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Dec-1992
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
Triple 3-Input NAND Gate
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
Triple 3-input NAND gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com