Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT10
Description  TRIPLE 3-INPUT NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT10 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT10 Datasheet HTML 1Page - STMicroelectronics M74HCT10 Datasheet HTML 2Page - STMicroelectronics M74HCT10 Datasheet HTML 3Page - STMicroelectronics M74HCT10 Datasheet HTML 4Page - STMicroelectronics M74HCT10 Datasheet HTML 5Page - STMicroelectronics M74HCT10 Datasheet HTML 6Page - STMicroelectronics M74HCT10 Datasheet HTML 7Page - STMicroelectronics M74HCT10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
August 2001
s
HIGH SPEED:
tPD = 14ns (TYP.) at VCC = 4.5V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS :
VIH = 2V (MIN.) VIL = 0.8V (MAX)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 10
DESCRIPTION
The M74HCT10 is an high speed CMOS TRIPLE
3-INPUT NAND GATE fabricated with silicon gate
C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
The M74HCT10 is designed to directly interface
HSC2MOS
systems
with
TTL
and
NMOS
components.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCT10
TRIPLE 3-INPUT NAND GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT10B1R
SOP
M74HCT10M1R
M74HCT10RM13TR
TSSOP
M74HCT10TTR
TSSOP
DIP
SOP


Similar Part No. - M74HCT10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT10 STMICROELECTRONICS-M74HCT10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Feb-1993
M74HCT10B1R STMICROELECTRONICS-M74HCT10B1R Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Feb-1993
M74HCT10C1R STMICROELECTRONICS-M74HCT10C1R Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Feb-1993
M74HCT10M1R STMICROELECTRONICS-M74HCT10M1R Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Feb-1993
More results

Similar Description - M74HCT10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F10DM NSC-54F10DM Datasheet
140Kb / 6P
Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
Triple 3-input NAND gate
1989 Sep 20
logo
STMicroelectronics
M54HC10 STMICROELECTRONICS-M54HC10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Dec-1992
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
Triple 3-Input NAND Gate
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
Triple 3-input NAND gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com