Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KGLS-14RTBM Datasheet (PDF) - KITAGAWA GmbH

KGLS-14RTBM Datasheet PDF - KITAGAWA GmbH
Part # KGLS-14RTBM
Download  KGLS-14RTBM Download
File Size   528.7 Kbytes
Page   1 Pages
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH
Description Dome-head, snap-mount spacer for thin panel or thin back plate

KGLS-14RTBM Datasheet (PDF)

Go To PDF Page Download Datasheet
KGLS-14RTBM Datasheet PDF - KITAGAWA GmbH

Part # KGLS-14RTBM
Download  KGLS-14RTBM Click to download

File Size   528.7 Kbytes
Page   1 Pages
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH
Description Dome-head, snap-mount spacer for thin panel or thin back plate

KGLS-14RTBM Datasheet (HTML) - KITAGAWA GmbH


KGLS-14RTBM Product details

Features
● Applicable thickness of sheet metal is at 0.4 to 1.2mm.
● Applicable thickness of PC board is for 1.6mm and 1.2mm.
● Dust resistant performance is performed by bowl shaped snap mounted from chassis bottom.




Similar Part No. - KGLS-14RTBM

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
KGLS-14S KGS-KGLS-14S Datasheet
352Kb / 2P
Snap-mount PCB spacer
More results


Similar Description - KGLS-14RTBM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VM7200 ETC1-VM7200 Datasheet
352Kb / 5P
2,4,6 OR 8-CHANNEL, 5-VOLT, THIN-FILM HEAD, READ/WRITE PREAMPLIFIER
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
logo
P-tec Corporation
PL00131-WCR31 P-TEC-PL00131-WCR31 Datasheet
32Kb / 1P
Dome lens thin package 1.6 x 0.8 x 0.6mm
PL00133-WCA03 P-TEC-PL00133-WCA03 Datasheet
31Kb / 1P
Dome lens thin package 1.6 x 0.8 x 0.4mm
PL00193-WCRG0817 P-TEC-PL00193-WCRG0817 Datasheet
120Kb / 1P
Dome lens thin package 3.2 x 1.0 x 1.5mm
logo
Vishay Siliconix
BCR VISHAY-BCR_15 Datasheet
77Kb / 3P
Thin Film, Back-Contact Resistor
25-Feb-13
logo
TOKYO SEIMITSU CO., LTD
CRN-LN8 ACCRETECH-CRN-LN8 Datasheet
142Kb / 1P
Thin Outer Diameter Measuring Head
logo
Vishay Siliconix
IGBR VISHAY-IGBR Datasheet
144Kb / 5P
Thin Film, High Power Back-Contact Resistor
29-Mar-2021
BCR VISHAY-BCR_V01 Datasheet
76Kb / 3P
Thin Film, Back-Contact Resistor
26-Oct-2020
logo
National Semiconductor ...
DPC2020R NSC-DPC2020R Datasheet
501Kb / 10P
Thin-Film or MIG Head Read/Write Preamplifier
February 1994
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com