Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO74557S Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO74557S Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO74557S
Download  DIO74557S Download
File Size   949.51 Kbytes
Page   16 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description SIM Card Interface Level Shifter with EMI Filter and ESD Protection

DIO74557S Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO74557S Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO74557S
Download  DIO74557S Click to download

File Size   949.51 Kbytes
Page   16 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description SIM Card Interface Level Shifter with EMI Filter and ESD Protection

DIO74557S Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO74557S Product details

 Features
 SIM card supply voltages range: from 1.65 V to
3.6 V
 Host micro-controller operating voltage range:
1.08 V to 1.95 V
 Support clock speeds up to 10 MHz
 Integrated EMI filters suppress higher harmonics
of digital I/Os
 Level-shifting buffers keep ESD stress away
from the host
 ESD protection: IEC61000-4-2 level 4, contact
and air discharge on all SIM card-side pins, VCCB,
and GND are ±8 kV and ±15 kV respectively
 Automatic level translation of I/O, RST and CLK
between SIM card and host side interface with
capacitance isolation
 Automatic enable and disable through VCCB
 No external resistors required with integrated
pull-up and pull-down resistors
 Compliant with all ETSI, IMT-2000 and
ISO-7816-3 SIM/Smart card interface
requirements
 Operating temperature range: -40°C to 85°C
 Applications
 Mobile and personal phones
 Wireless modems
 SIM card terminals
 Description
The DIO74557S is designed for interfacing a SIM
card with a low-voltage host-side interface (1.08 V to
1.95 V). It contains three level shifters, converting the
I/O data, RST and CLK signals between a SIM card
and a host micro-controller. The device is integrated
with pull-up resistors, which means no external
resistors is required, providing small overall solution
size.
The DIO74557S is compliant with all ETSI, IMT-2000
and ISO-7816-3 SIM/Smart card interface
requirements.
The DIO74557S is packaged in QFN1.8*1.4-10.




Similar Part No. - DIO74557S

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO74557 DIOO-DIO74557 Datasheet
956Kb / 12P
SIM Card Interface Level Shifter with EMI Filter and ESD Protection
Rev 1.5
DIO74557LP10 DIOO-DIO74557LP10 Datasheet
956Kb / 12P
SIM Card Interface Level Shifter with EMI Filter and ESD Protection
Rev 1.5
More results


Similar Description - DIO74557S

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
SIM Card EMI Filter Array with ESD Protection
logo
Infineon Technologies A...
BGF106C INFINEON-BGF106C Datasheet
571Kb / 7P
SIM Card Interface Filter and ESD Protection
V2.0, April 2009
BGF124 INFINEON-BGF124 Datasheet
580Kb / 7P
SIM Card Interface Filter and USB Interface with ESD Protection
V2.0, April 2009
BGF125 INFINEON-BGF125 Datasheet
580Kb / 7P
SIM Card Interface Filter and ESD Protection
V2.0, April 2009
BGF106C INFINEON-BGF106C_13 Datasheet
181Kb / 7P
SIM Card Interface Filter and ESD Protection
Rev. 3.1, 2013-01-16
logo
NXP Semiconductors
NVT4557 NXP-NVT4557 Datasheet
466Kb / 28P
SIM card interface level translator with EMI filter and ESD protection
Rev.2.1-12 November 2021
logo
Diodes Incorporated
PI4ULS3V4103 DIODES-PI4ULS3V4103 Datasheet
590Kb / 2P
SIM Card Interface Level Translator with EMI Filter and ESD Protection for Mobile Applications
logo
NXP Semiconductors
NVT4558 NXP-NVT4558 Datasheet
311Kb / 23P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.0 - 7 December 2022
NVT4557 NXP-NVT4557_V01 Datasheet
456Kb / 26P
SIM card interface level translator with EMI filter and ESD protection
Rev. 2.2 - 7 September 2023
NVT4558 NXP-NVT4558_V01 Datasheet
312Kb / 22P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.1 - 6 September 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com