Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT30 Datasheet (PDF) - STMicroelectronics

M74HCT30 Datasheet PDF - STMicroelectronics
Part # M74HCT30
Download  M74HCT30 Download
File Size   138.44 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-INPUT NAND GATE

M74HCT30 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT30 Datasheet PDF - STMicroelectronics

Part # M74HCT30
Download  M74HCT30 Click to download

File Size   138.44 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-INPUT NAND GATE

M74HCT30 Datasheet (HTML) - STMicroelectronics


M74HCT30 Product details

DESCRIPTION
The M74HCT30 is an high speed CMOS 8-INPUT NAND GATE fabricated with silicon gate C2MOS technology.
The internal circuit is composed of 5 stages including buffer output, which enables high noise immunity and stable output.
The M74HCT30 is designed to directly interface HSC2MOS systems with TTL and NMOS components.All inputs are equipped with protection circuits against static discharge and transient excess voltage.

■ HIGH SPEED: tPD = 18ns (TYP.) at VCC = 4.5V
■ LOW POWER DISSIPATION: ICC = 1µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS : VIH = 2V (MIN.) VIL = 0.8V (MAX)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 30




Similar Part No. - M74HCT30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT30 STMICROELECTRONICS-M74HCT30 Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
M74HCT30B1R STMICROELECTRONICS-M74HCT30B1R Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
M74HCT30C1R STMICROELECTRONICS-M74HCT30C1R Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
M74HCT30M1R STMICROELECTRONICS-M74HCT30M1R Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
More results


Similar Description - M74HCT30

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC74HC30AP TOSHIBA-TC74HC30AP Datasheet
229Kb / 6P
8-INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
8-Input NAND Gate
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
8 Input NAND Gate
DM74LS30 FAIRCHILD-DM74LS30 Datasheet
45Kb / 4P
8-Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
8-input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
8-Input NAND Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com