Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT30
Description  8-INPUT NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT30 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT30 Datasheet HTML 1Page - STMicroelectronics M74HCT30 Datasheet HTML 2Page - STMicroelectronics M74HCT30 Datasheet HTML 3Page - STMicroelectronics M74HCT30 Datasheet HTML 4Page - STMicroelectronics M74HCT30 Datasheet HTML 5Page - STMicroelectronics M74HCT30 Datasheet HTML 6Page - STMicroelectronics M74HCT30 Datasheet HTML 7Page - STMicroelectronics M74HCT30 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
September 2001
s
HIGH SPEED:
tPD = 18ns (TYP.) at VCC = 4.5V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS :
VIH = 2V (MIN.) VIL = 0.8V (MAX)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 30
DESCRIPTION
The M74HCT30 is an high speed CMOS 8-INPUT
NAND GATE fabricated with silicon gate C2MOS
technology.
The internal circuit is composed of 5 stages
including buffer output, which enables high noise
immunity and stable output.
The M74HCT30 is designed to directly interface
HSC2MOS
systems
with
TTL
and
NMOS
components.All
inputs
are
equipped
with
protection circuits against static discharge and
transient excess voltage.
M74HCT30
8-INPUT NAND GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT30B1R
SOP
M74HCT30M1R
M74HCT30RM13TR
TSSOP
M74HCT30TTR
TSSOP
DIP
SOP


Similar Part No. - M74HCT30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT30 STMICROELECTRONICS-M74HCT30 Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
M74HCT30B1R STMICROELECTRONICS-M74HCT30B1R Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
M74HCT30C1R STMICROELECTRONICS-M74HCT30C1R Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
M74HCT30M1R STMICROELECTRONICS-M74HCT30M1R Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
More results

Similar Description - M74HCT30

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC74HC30AP TOSHIBA-TC74HC30AP Datasheet
229Kb / 6P
8-INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
8-Input NAND Gate
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
8 Input NAND Gate
DM74LS30 FAIRCHILD-DM74LS30 Datasheet
45Kb / 4P
8-Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
8-input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
8-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com