Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPW-34-S Datasheet (PDF) - ams-OSRAM AG

BPW-34-S Datasheet PDF - ams-OSRAM AG
Part # BPW-34-S
Download  BPW-34-S Download
File Size   755.6 Kbytes
Page   17 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Silicon PIN Photodiode

BPW-34-S Datasheet (PDF)

Go To PDF Page Download Datasheet
BPW-34-S Datasheet PDF - ams-OSRAM AG

Part # BPW-34-S
Download  BPW-34-S Click to download

File Size   755.6 Kbytes
Page   17 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Silicon PIN Photodiode

BPW-34-S Datasheet (HTML) - ams-OSRAM AG


BPW-34-S Product details

Applications
— —LIDAR, Pre-Crash, ACC — —Rain Sensors
Features:
— —Package: clear epoxy
— —Corrosion Robustness Class: 3B
— —Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
— —ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
— —Suitable for reflow soldering
— —Especially suitable for applications from 400 nm to 1100 nm
— —Short switching time (typ. 20 ns)
— —DIL plastic package with high packing density




Similar Part No. - BPW-34-S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPW-34-S OSRAM-BPW-34-S Datasheet
474Kb / 6P
Especially suitable for applications from 400 nm to 1100 nm
logo
ams-OSRAM AG
BPW-34-SR AMSOSRAM-BPW-34-SR Datasheet
924Kb / 18P
Silicon PIN Photodiode
Version 1.5 2020-01-08
More results


Similar Description - BPW-34-S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com