Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPW-34-SR Datasheet (PDF) - ams-OSRAM AG

BPW-34-SR Datasheet PDF - ams-OSRAM AG
Part # BPW-34-SR
Download  BPW-34-SR Download
File Size   924.16 Kbytes
Page   18 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Silicon PIN Photodiode

BPW-34-SR Datasheet (PDF)

Go To PDF Page Download Datasheet
BPW-34-SR Datasheet PDF - ams-OSRAM AG

Part # BPW-34-SR
Download  BPW-34-SR Click to download

File Size   924.16 Kbytes
Page   18 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Silicon PIN Photodiode

BPW-34-SR Datasheet (HTML) - ams-OSRAM AG


BPW-34-SR Product details

Applications
——Rain Sensors
Features:
——Package: clear epoxy
——Corrosion Robustness Class: 3B
——Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
——ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
——Suitable for reflow soldering
——Especially suitable for applications from 400 nm to 1100 nm
——Short switching time (typ. 20 ns)
——DIL plastic package with high packing density




Similar Part No. - BPW-34-SR

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPW-34-S OSRAM-BPW-34-S Datasheet
474Kb / 6P
Especially suitable for applications from 400 nm to 1100 nm
logo
ams-OSRAM AG
BPW-34-S AMSOSRAM-BPW-34-S Datasheet
755Kb / 17P
Silicon PIN Photodiode
Version 1.7 2021-05-26
More results


Similar Description - BPW-34-SR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com