Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPX-80 Datasheet (PDF) - ams-OSRAM AG

BPX-80 Datasheet PDF - ams-OSRAM AG
Part # BPX-80
Download  BPX-80 Download
File Size   1134.59 Kbytes
Page   15 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Silicon NPN Phototransistor Arrays

BPX-80 Datasheet (PDF)

Go To PDF Page Download Datasheet
BPX-80 Datasheet PDF - ams-OSRAM AG

Part # BPX-80
Download  BPX-80 Click to download

File Size   1134.59 Kbytes
Page   15 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Silicon NPN Phototransistor Arrays

BPX-80 Datasheet (HTML) - ams-OSRAM AG


BPX-80 Product details

Applications
- Factory Automation
Features
- Package: clear epoxy
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Spectral range of sensitivity: (typ) 450 ... 1100 nm
- Multiple-digit array package
- High linearity
- Available in groups





Similar Part No. - BPX-80

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPX-81 OSRAM-BPX-81 Datasheet
295Kb / 7P
Especially suitable for applications from 450 nm to 1100 nm
logo
ams-OSRAM AG
BPX-81 AMSOSRAM-BPX-81 Datasheet
1Mb / 16P
Silicon NPN Phototransistor
Version 1.4 2023-06-06
BPX-82 AMSOSRAM-BPX-82 Datasheet
1Mb / 15P
Silicon NPN Phototransistor Arrays
Version 1.4 2023-06-06
BPX-83 AMSOSRAM-BPX-83 Datasheet
1Mb / 15P
Silicon NPN Phototransistor Arrays
Version 1.4 2023-06-06
BPX-84 AMSOSRAM-BPX-84 Datasheet
1Mb / 15P
Silicon NPN Phototransistor Arrays
Version 1.4 2023-06-06
More results


Similar Description - BPX-80

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX80 SIEMENS-BPX80 Datasheet
203Kb / 5P
NPN-Silizium-Fototransistor Zeilen Silicon NPN Phototransistor Arrays
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
logo
OSRAM GmbH
BPX-85 OSRAM-BPX-85 Datasheet
331Kb / 11P
Silicon NPN Phototransistor Arrays Version 1.3
logo
ams AG
BPX80 AMSCO-BPX80 Datasheet
1Mb / 15P
Silicon NPN Phototransistor Arrays
Version 1.4 2023-06-06
BPX89 AMSCO-BPX89 Datasheet
1Mb / 15P
Silicon NPN Phototransistor Arrays
Version 1.4 2023-06-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com